Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS4100ITQ1633 Datasheet(PDF) 3 Page - Silicon Laboratories

Part # TS4100ITQ1633
Description  Precision Measurement
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS4100ITQ1633 Datasheet(HTML) 3 Page - Silicon Laboratories

  TS4100ITQ1633 Datasheet HTML 1Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 2Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 3Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 4Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 5Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 6Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 7Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 8Page - Silicon Laboratories TS4100ITQ1633 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
2. System Overview
The TS4100 is an 8-channel multiplexer with inputs NO0-NO7 and output COM. A channel can be selected via address pins ADDA,
ADDB, and ADDC.
The TS4101 is a dual 4-channel switch/multiplexer with two separate input banks: NO0A-NO3A and NO0B-NO3B with dedicated output
COMA and COMB, respectively. A channel can be selected via address pins ADDA and ADDB.
The TS4102 is a triple single-pole/double-throw (SPDT) switch. When ADDA, ADDB, or ADDC is set to a Low state, the output will be
NCA, NCB, or NCC, respectively. When ADDA, ADDB, or ADDC is set to a High state, the output will be NOA, NOB, or NOC, respec-
tively. Refer to XREF DIGITAL I/O SETTINGS TABLE
Unlike similar switch/multiplexer devices, the TS4100-TS4102 input voltage is independent of the supply voltage. This allows the input
voltage to be greater than the supply voltage while maintaining a flat On-resistance vs. the VNO/VCOM curve. Refer to 3.1 Typical
Performance Characteristics for more information.
2.1 Applications Information
2.1.1 AC Performance Considerations
2.1.2 Off Isolation
Like all switch/multiplexer devices, the off-isolation of the device is measured when the device is off (see Figure 2.8 TS4100-TS4102
Charge Injection Test Setup on page 8). During the OFF state, part of the input signal couples to the output load. To maximize the
off-isolation, maximize your capacitive load and minimize your resistive load. The trade-off is that this can increase the insertion loss of
the device so it must be considered when designing a circuit. The insertion loss is measured when the switch/multiplexer is in the ON
state (see Figure 2.9 TS4100-TS4102 Off-Isolation Test Setup on page 9).
At 10 kHz, the off-isolation of the TS4100-TS4102 is approximately –88 dB. Refer to the Off-Isolation vs. Frequency plot in 3.1 Typical
Performance Characteristics.
2.1.3 Total Harmonic Distortion (THD)
In audio and data acquisition applications, signal fidelity is of a concern. As a result, the THD parameter of the analog mux/switch be-
comes an important factor. Many current analog switch/mux devices on the market implement a design that allow for a large variation of
on-resistance as the input signal is changing. With 1% on-resistance variation over the entire signal swing, the TS4100-TS4102 design
minimizes THD. At 10 kHz, the TS4100-TS4102 exhibits a THD of 0.15% over the entire signal swing.
2.1.4 Bandwidth Considerations
The magnitude of the output resistive load and capacitive load has an impact on the bandwidth of the mux/switch. At dc or close to dc
input signals, a resistive load has the greatest impact where the output voltage is determined primarily by the voltage divider consisting
of the switch on-resistance and the output resistive load. To minimize the ON insertion loss, maximize the resistive load.
As the input frequency increases, the ac impedance of the circuit begins to have an impact on bandwidth of the mux/switch. To counter
this effect, minimize the load capacitance and any stray capacitance that may be present on the board. Also, ensure a board layout that
minimizes signal trace lengths.
TS4100/01/02 Data Sheet
System Overview
silabs.com | Smart. Connected. Energy-friendly.
Rev. 1.0 | 2


Similar Part No. - TS4100ITQ1633

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TS4141 INFINEON-TS4141 Datasheet
444Kb / 19P
   Smart High-Side Power Switch
2006-03-09
logo
List of Unclassifed Man...
TS4148 ETC1-TS4148 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148 TSC-TS4148 Datasheet
141Kb / 2P
   0.5AMPS High Speed Switching Diode
logo
List of Unclassifed Man...
TS4148-1206-R7T4 ETC1-TS4148-1206-R7T4 Datasheet
145Kb / 3P
   0.3 AMPS High Speed Switching Diode
logo
Taiwan Semiconductor Co...
TS4148-RXG TSC-TS4148-RXG Datasheet
205Kb / 3P
   500mW High Speed SMD Switching Diode
More results

Similar Description - TS4100ITQ1633

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
S13360 HAMAMATSU-S13360_15 Datasheet
911Kb / 12P
   MPPCs for precision measurement
logo
Isabellenhütte Heu...
IVT-S ISABELLENHUETTE-IVT-S Datasheet
1Mb / 45P
   HIGH PRECISION CURRENT MEASUREMENT
Version 1.03
logo
IET Labs Inc.
1620 IET-1620 Datasheet
240Kb / 4P
   Precision Capacitance Measurement System
logo
Semtech Corporation
E737 SEMTECH-E737 Datasheet
470Kb / 18P
   Per-Pin Precision Measurement Unit
EDGE737 SEMTECH-EDGE737 Datasheet
137Kb / 19P
   Per-Pin Precision Measurement Unit
logo
Burr-Brown (TI)
ISC300 BURR-BROWN-ISC300 Datasheet
100Kb / 11P
   Universal Precision Isolated MEASUREMENT CHANNEL
logo
Keysight Technologies
E5270B KEYSIGHT-E5270B Datasheet
1Mb / 20P
   Precision IV Analyzer/8 Slot Precision Measurement Mainframe
logo
List of Unclassifed Man...
875B ETC2-875B Datasheet
915Kb / 1P
   Precision measurement of very low resistances
logo
Semtech Corporation
EDGE4707B SEMTECH-EDGE4707B Datasheet
193Kb / 25P
   Quad Channel Per-Pin Precision Measurement Unit
logo
List of Unclassifed Man...
CWF1-103J3380 ETC2-CWF1-103J3380 Datasheet
838Kb / 5P
   Precision NTC Thermistor Probes for Temperature Measurement
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com