Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

W8C80-6PG-516 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # W8C80-6PG-516
Description  CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

W8C80-6PG-516 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  W8C80-6PG-516 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
THIS DOCUMENT CONTAINS CONFIDENTIAL
INFORMATION PROPRIETARY TO CONXALL
CORPORATION. ANY REPRODUCTION,
DISCLOSURE, OR USE OF THIS
DOCUMENT /INFORMATION IS EXPRESSLY
PROHIBITED UNLESS AUTHORIZED IN
WRITING BY CONXALL CORPORATION.
CUSTOMER APPROVAL
APPROVED BY:
DATE:
RoHS COMPLIANT
0.94 23.9
1.06 27.0
0.19 4.8
1.03 26.2
0.60 15.1
0.75 19.1
0.68 17.3
2-#16 PIN CONTACTS, CRIMP
MAT'L: GOLD PLATED COPPER ALLOY
SUPPLIED UNASSEMBLED
4-#20 PIN CONTACTS, CRIMP
MAT'L: GOLD PLATED COPPER ALLOY
SUPPLIED UNASSEMBLED
CABLE-TO-CABLE HOUSING
MAT'L: THERMOPLASTIC, BLACK
GROMMET
MAT'L: ELASTOMER, BLACK
CABLE GRIP
MAT'L: THERMOPLASTIC, BLACK
BACKSHELL
MAT'L: THERMOPLASTIC, BLACK
0.63 16.0
KEY
MATING FACE
ASSY: W8C80-6PG-522 SHOWN
POSITION 1-#16
INDICATOR
6
5
4
3
2
1.05 26.6
2-#16 PIN CONTACTS, SOLDER
MAT'L: GOLD PLATED COPPER ALLOY
SUPPLIED ASSEMBLED
4-#20 PIN CONTACTS, SOLDER
MAT'L: GOLD PLATED COPPER ALLOY
SUPPLIED ASSEMBLED
2.0 51
0.63 16.0
SHOWN ASSEMBLED
KEY
POSITION 1-#16
INDICATOR
WIRING END
ASSY: W8C80-6PG-522 SHOWN
6
5
4
3
2
CONNECTOR P/N
POSITIONS
CONTACT
STYLE
CABLE O.D. RANGE
#16
#20
W8C80-6PG-513
2
4
CRIMP
0.13-0.15" (3.3 -3.8 mm)
W8C80-6PG-516
CRIMP
0.16-0.18" (4.1 -4.6 mm)
W8C80-6PG-519
CRIMP
0.19-0.21" (4.8 -5.3 mm)
W8C80-6PG-522
CRIMP
0.22-0.25" (5.6 -6.3 mm)
W8C80-6PG-528
CRIMP
0.26-0.285" (6.6 -7.2 mm)
W8C82-6PG-513
SOLDER
0.13-0.15" (3.3 -3.8 mm)
W8C82-6PG-516
SOLDER
0.16-0.18" (4.1 -4.6 mm)
W8C82-6PG-519
SOLDER
0.19-0.21" (4.8 -5.3 mm)
W8C82-6PG-522
SOLDER
0.22-0.25" (5.6 -6.3 mm)
W8C82-6PG-528
SOLDER
0.26-0.285" (6.6 -7.2 mm)
CABLE-TO-CABLE CONNECTOR
NTS
1 OF 1
SLW
01-19-16
PNK
0A
REV
TITLE:
DESCRIPTION
SHEET
SIZE
PART
NUMBER:
DIRECTORY:
CUSTOMER:
DATE
INIT.
TOLERANCES:
AND DECIMALS.
ANGLES ±1°
REV.
THIS DOCUMENT IS PROHIBITED.
DUPLICATION OR DISTRIBUTION OF
CORPORATION." UNAUTHORIZED
THE PROPERTY OF "CONXALL
ALL INFORMATION ILLUSTRATED IS
3 PLACE DECIMALS ±.005
UNLESS OTHERWISE SPECIFIED
INCHES, FRACTION OF INCHES
ALL UNITS ARE IN FEET,
FLAG PER SPEC. XXXX
= CRITICAL CHARACTERISTIC
FRACTIONS ±1/16
FILE:
APPROVED BY:
CHECKED BY:
SCALE
ORIG. DRAWN BY:
DATE:
601 E. WILDWOOD VILLA PARK, IL 60181
B
STANDARD PRODUCT
2-16 + 4-20 PIN CONTACTS
MINI-CON-X POWER/SIGNAL
PNK
0A
01-19-16
PDR 14001 PRELIMINARY
W8C8X-6PG-5XX_CD
W8C8X-6PG-5XX_CD
NOTES:
1. ALL PARTS TO BE BULK PACKED.
2. SEE DRAWING HPMIMIX FOR HOLE PATTERN.
3. DIMENSIONS ARE FOR REFERENCE ONLY.
PRELIMINARY


Similar Part No. - W8C80-6PG-516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W8C80-6SG-513 ETC2-W8C80-6SG-513 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-516 ETC2-W8C80-6SG-516 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-519 ETC2-W8C80-6SG-519 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-522 ETC2-W8C80-6SG-522 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-528 ETC2-W8C80-6SG-528 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
More results

Similar Description - W8C80-6PG-516

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
W6C80-6PG-513 ETC2-W6C80-6PG-513 Datasheet
210Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8C80-6SG-513 ETC2-W8C80-6SG-513 Datasheet
162Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7A80-8PG-300 ETC2-W7A80-8PG-300 Datasheet
249Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7A80-8SG-300 ETC2-W7A80-8SG-300 Datasheet
255Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W8A80-8PG-513 ETC2-W8A80-8PG-513 Datasheet
170Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
W7C80-6PG-300 ETC2-W7C80-6PG-300 Datasheet
229Kb / 1P
   CABLE-END CONNECTOR 2-16 4-20 PIN CONTACTS MINI-CON-X POWER/SIGNAL
163A17479X ETC2-163A17479X Datasheet
190Kb / 1P
   CABLE-END CONNECTOR 2-16 6-26 PIN CONTACTS MINI-CON-X POWER/SIGNAL
logo
Switchcraft, Inc.
CA6280XPXXX90 SWITCH-CA6280XPXXX90 Datasheet
135Kb / 1P
   CABLE ASSEMBLY (2-6) #20 PIN CONTACTS MINI-CON-X
Rev. A
logo
List of Unclassifed Man...
CA62802P07990 ETC2-CA62802P07990 Datasheet
135Kb / 1P
   (2-6) #20 PIN CONTACTS MINI-CON-X
W6A80-8SG-513 ETC2-W6A80-8SG-513 Datasheet
228Kb / 1P
   2-16 6-26 SOCKET CONTACTS MINI-CON-X POWER/SIGNAL
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com