Electronic Components Datasheet Search |
|
BTA208-800E Datasheet(PDF) 1 Page - NXP Semiconductors |
|
BTA208-800E Datasheet(HTML) 1 Page - NXP Semiconductors |
1 / 6 page Philips Semiconductors Product specification Three quadrant triacs BTA208 series D, E and F guaranteed commutation GENERAL DESCRIPTION QUICK REFERENCE DATA Passivated guaranteed commutation SYMBOL PARAMETER MAX. MAX. UNIT triacs in a plastic envelope intended for use in motor control circuits or with other BTA208- 600D - highly inductive loads. These devices BTA208- 600E 800E balance the requirements of commutation BTA208- 600F 800F performance and gate sensitivity. The V DRM Repetitive peak 600 800 V "sensitive gate" E series and "logic level" off-state voltages D series are intended for interfacing with I T(RMS) RMS on-state current 8 8 A low power drivers, including micro I TSM Non-repetitive peak on-state 65 65 A controllers. current PINNING - TO220AB PIN CONFIGURATION SYMBOL PIN DESCRIPTION 1 main terminal 1 2 main terminal 2 3 gate tab main terminal 2 LIMITING VALUES Limiting values in accordance with the Absolute Maximum System (IEC 134). SYMBOL PARAMETER CONDITIONS MIN. MAX. UNIT -600 -800 V DRM Repetitive peak off-state - 600 1 800 V voltages I T(RMS) RMS on-state current full sine wave; - 8 A T mb ≤ 102 ˚C I TSM Non-repetitive peak full sine wave; on-state current T j = 25 ˚C prior to surge t = 20 ms - 65 A t = 16.7 ms - 72 A I 2tI2t for fusing t = 10 ms - 21 A 2s dI T/dt Repetitive rate of rise of I TM = 12 A; IG = 0.2 A; 100 A/ µs on-state current after dI G/dt = 0.2 A/µs triggering I GM Peak gate current - 2 A V GM Peak gate voltage - 5 V P GM Peak gate power - 5 W P G(AV) Average gate power over any 20 ms - 0.5 W period T stg Storage temperature -40 150 ˚C T j Operating junction - 125 ˚C temperature T1 T2 G 12 3 tab 1 Although not recommended, off-state voltages up to 800V may be applied without damage, but the triac may switch to the on-state. The rate of rise of current should not exceed 6 A/ µs. February 2000 1 Rev 1.000 |
Similar Part No. - BTA208-800E |
|
Similar Description - BTA208-800E |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |