Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFR18N15 Datasheet(PDF) 10 Page - International Rectifier

Part # IRFR18N15
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFR18N15 Datasheet(HTML) 10 Page - International Rectifier

Back Button IRFR18N15 Datasheet HTML 2Page - International Rectifier IRFR18N15 Datasheet HTML 3Page - International Rectifier IRFR18N15 Datasheet HTML 4Page - International Rectifier IRFR18N15 Datasheet HTML 5Page - International Rectifier IRFR18N15 Datasheet HTML 6Page - International Rectifier IRFR18N15 Datasheet HTML 7Page - International Rectifier IRFR18N15 Datasheet HTML 8Page - International Rectifier IRFR18N15 Datasheet HTML 9Page - International Rectifier IRFR18N15 Datasheet HTML 10Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
IRFR18N15D/IRFU18N15D
10
www.irf.com
 Repetitive rating; pulse width limited by
max. junction temperature.
ƒ I
SD ≤ 11A, di/dt ≤ 170A/µs, VDD ≤ V(BR)DSS,
TJ ≤ 175°C
Notes:
‚ Starting T
J = 25°C, L = 3.3mH
RG = 25Ω, IAS = 11A.
„ Pulse width ≤ 300µs; duty cycle ≤ 2%.
… Coss eff. is a fixed capacitance that gives the same charging time
as Coss while VDS is rising from 0 to 80% VDSS
WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, Tel: (310) 252-7105
IR GREAT BRITAIN: Hurst Green, Oxted, Surrey RH8 9BB, UK Tel: ++ 44 1883 732020
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 11 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo Japan 171 Tel: 81 3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673, Taiwan Tel: 886-2-2377-9936
Data and specifications subject to change without notice. 2/00
* When mounted on 1" square PCB (FR-4 or G-10 Material).
For recommended footprint and soldering techniques refer to application note #AN-994.
D-Pak (TO-252AA) Tape & Reel Information
Dimensions are shown in millimeters (inches)
TR
16.3 ( .641 )
15.7 ( .619 )
8.1 ( .318 )
7.9 ( .312 )
12.1 ( .47 6 )
11.9 ( .46 9 )
F EED D IRECT IO N
FEED DIR E CT IO N
16 .3 ( .641 )
15 .7 ( .619 )
TR R
TR L
NO T ES :
1 . CO NT RO LLING D IM E NSIO N : M ILL IM ET ER.
2 . ALL D IM EN S IO N S ARE SH O W N IN M ILLIM ET E RS ( INCHES ) .
3 . O U TL IN E C O N FO R M S T O EIA-481 & EIA-54 1.
NO TES :
1. O U TL IN E CO N F O R M S T O EIA-481 .
16 m m
1 3 INCH


Similar Part No. - IRFR18N15

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFR18N15D KERSEMI-IRFR18N15D Datasheet
1Mb / 8P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFR18N15D ISC-IRFR18N15D Datasheet
335Kb / 2P
   N-Channel MOSFET Transistor
logo
International Rectifier
IRFR18N15DPBF IRF-IRFR18N15DPBF Datasheet
217Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR18N15DPBF KERSEMI-IRFR18N15DPBF Datasheet
3Mb / 10P
   SMPS MOSFET
logo
International Rectifier
IRFR18N15DPBF IRF-IRFR18N15DPBF Datasheet
226Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFR18N15

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com