Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4880M Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4880M
Description  Dual 250 mW Audio Power Amplifier with Shutdown Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4880M Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button LM4880M Datasheet HTML 3Page - National Semiconductor (TI) LM4880M Datasheet HTML 4Page - National Semiconductor (TI) LM4880M Datasheet HTML 5Page - National Semiconductor (TI) LM4880M Datasheet HTML 6Page - National Semiconductor (TI) LM4880M Datasheet HTML 7Page - National Semiconductor (TI) LM4880M Datasheet HTML 8Page - National Semiconductor (TI) LM4880M Datasheet HTML 9Page - National Semiconductor (TI) LM4880M Datasheet HTML 10Page - National Semiconductor (TI) LM4880M Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Typical Performance Characteristics (Continued)
Channel Separation
DS012343-23
Output Attenuation in
Shutdown Mode
DS012343-24
Noise Floor
DS012343-25
Power Supply
Rejection Ratio
DS012343-26
Open Loop
Frequency Response
DS012343-27
Supply Current vs
Supply Voltage
DS012343-28
Frequency Response vs
Output Capacitor Size
DS012343-29
Frequency Response vs
Output Capacitor Size
DS012343-30
Frequency Response vs
Input Capacitor Size
DS012343-31
www.national.com
7


Similar Part No. - LM4880M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4880M TI-LM4880M Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4880M/NOPB TI-LM4880M/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4880MX/NOPB TI-LM4880MX/NOPB Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
More results

Similar Description - LM4880M

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM4880 TI-LM4880 Datasheet
1Mb / 20P
[Old version datasheet]   Dual 250 mW Audio Power Amplifier with Shutdown Mode
LM4862 TI-LM4862_15 Datasheet
936Kb / 18P
[Old version datasheet]   675 mW Audio Power Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4864 NSC-LM4864 Datasheet
342Kb / 10P
   300 mW Audio Power Amplifier with Shutdown Mode
LM4862 NSC-LM4862 Datasheet
262Kb / 10P
   675 mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4862M TI-LM4862M Datasheet
939Kb / 18P
[Old version datasheet]   LM4862 675 mW Audio Power Amplifier with Shutdown
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Texas Instruments
LM4881 TI-LM4881_15 Datasheet
476Kb / 15P
[Old version datasheet]   Dual 200 mW Headphone Amplifier with Shutdown Mode
logo
National Semiconductor ...
LM4881 NSC-LM4881 Datasheet
413Kb / 11P
   Dual 200 mW Headphone Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com