Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-89110ANC-1A1-TFZ Datasheet(PDF) 10 Page - Seiko Instruments Inc

Part # S-89110ANC-1A1-TFZ
Description  MINI ANALOG SERIES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89110ANC-1A1-TFZ Datasheet(HTML) 10 Page - Seiko Instruments Inc

Back Button S-89110ANC-1A1-TFZ Datasheet HTML 6Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 7Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 8Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 9Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 10Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 11Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 12Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 13Page - Seiko Instruments Inc S-89110ANC-1A1-TFZ Datasheet HTML 14Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110/89120 Series
Rev.3.1_01
10
Test Circuit (Per Circuit)
1. Power supply voltage rejection ratio, input offset voltage
RF
RS
RS
RF
+
VOUT
VDD
VCMR = VDD / 2
• Power supply voltage rejection ratio (PSRR)
The power supply voltage rejection ratio (PSRR) can be
calculated by the following expression, with VOUT measured at
each VDD.
Test conditions:
When VDD = 1.8 V: VDD = VDD1, VOUT = VOUT1,
When VDD = 5.0 V: VDD = VDD2, VOUT = VOUT2
PSRR = 20 log
VDD1
− VDD2


VOUT1
VDD1
2


VOUT2
VDD2
2
×
RF
+ RS
RS
• Input offset voltage (VIO)
VIO = 

VOUT
VDD
2
×
RS
RF
+ RS
Figure 8
2. Common-mode input signal rejection ratio, common-mode input voltage range
RF
RS
RS
RF
+
VOUT
VDD
VIN
VDD / 2
• Common-mode input signal rejection ratio (CMRR)
The common-mode input signal rejection ratio (CMRR) can be
calculated by the following expression, with VOUT measured at
each VIN.
Test conditions:
When VIN = VCMR Max.: VIN = VIN1, VOUT = VOUT1,
When VIN = VDD / 2: VIN = VIN2, VOUT = VOUT2
CMRR = 20 log
VIN1
− VIN2
VOUT1
− VOUT2 ×
RF
+ RS
RS
• Common-mode input voltage range (VCMR)
The common-mode input voltage range is the range of VIN in
which VOUT satisfies the common-mode input signal rejection
ratio specifications.
Figure 9


Similar Part No. - S-89110ANC-1A1-TFZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110ANC-1A1-TFz SII-S-89110ANC-1A1-TFz Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89110ANC-1A1-TFZ

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com