Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S-89110AMC-1A1-TFU Datasheet(PDF) 4 Page - Seiko Instruments Inc

Part # S-89110AMC-1A1-TFU
Description  MINI ANALOG SERIES
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SII [Seiko Instruments Inc]
Direct Link  http://www.sii.co.jp
Logo SII - Seiko Instruments Inc

S-89110AMC-1A1-TFU Datasheet(HTML) 4 Page - Seiko Instruments Inc

  S-89110AMC-1A1-TFU Datasheet HTML 1Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 2Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 3Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 4Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 5Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 6Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 7Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 8Page - Seiko Instruments Inc S-89110AMC-1A1-TFU Datasheet HTML 9Page - Seiko Instruments Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
S-89110/89120 Series
Rev.3.1_01
4
1. 3 SNT-8A, TMSOP-8
S-891 x 0 B xx - xxx TF U
Number of circuits
B: 2
Current consumption (per circuit)
1: IDD = 50
μA
2: IDD = 10
μA
Package name (abbreviation)
PH: SNT-8A
FM: TMSOP-8
Product code (abbreviation)
*2
IC direction in tape specifications
*1
Environmental code
U: Lead-free (Sn 100%), halogen-free
*1. Refer to the tape drawing.
*2. Refer to "3. Product name list".
2. Packages
Table 1 Package Drawing Codes
Package Name
Dimension
Tape
Reel
Land
SC-88A
NP005-B-P-SD
NP005-B-C-SD
NP005-B-R-SD
SOT-23-5
MP005-A-P-SD
MP005-A-C-SD
MP005-A-R-SD
SNT-8A
PH008-A-P-SD
PH008-A-C-SD
PH008-A-R-SD
PH008-A-L-SD
TMSOP-8
FM008-A-P-SD
FM008-A-C-SD
FM008-A-R-SD
3. Product name list
Table 2
Product Name
Current
Consumption
(per circuit)
Gain-bandwidth*1
Number of Circuit
Package
S-89110ANC-1A1-TFz
50
μA
175 kHz
1
SC-88A
S-89110AMC-1A1-TFU
50
μA
175 kHz
1
SOT-23-5
S-89110BPH-H4A-TFU
50
μA
175 kHz
2
SNT-8A
S-89110BFM-H4A-TFU
50
μA
175 kHz
2
TMSOP-8
S-89120ANC-1A2-TFz
10
μA
35 kHz
1
SC-88A
S-89120AMC-1A2-TFU
10
μA
35 kHz
1
SOT-23-5
S-89120BPH-H4B-TFU
10
μA
35 kHz
2
SNT-8A
S-89120BFM-H4B-TFU
10
μA
35 kHz
2
TMSOP-8
*1. The value when VDD = 3.0 V
Remark 1. z: G or S
2. Please select products of environmental code = U for Sn 100%, halogen-free products.


Similar Part No. - S-89110AMC-1A1-TFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-89110AMC-1A1-TFU SII-S-89110AMC-1A1-TFU Datasheet
1Mb / 34P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results

Similar Description - S-89110AMC-1A1-TFU

ManufacturerPart #DatasheetDescription
logo
Seiko Instruments Inc
S-19610AB0A-K8T2U SII-S-19610AB0A-K8T2U Datasheet
1Mb / 18P
   MINI ANALOG SERIES
S-89130BC-I8T1U SII-S-89130BC-I8T1U Datasheet
1Mb / 26P
   MINI ANALOG SERIES
S-89230BC-I8T1U SII-S-89230BC-I8T1U Datasheet
1Mb / 24P
   MINI ANALOG SERIES
S-89430ACNC-HBUTFZ SII-S-89430ACNC-HBUTFZ Datasheet
1Mb / 33P
   MINI ANALOG SERIES
S89210 SII-S89210 Datasheet
1Mb / 20P
   MINI ANALOG SERIES CMOS COMPARATOR
S89230 SII-S89230 Datasheet
1Mb / 24P
   MINI ANALOG SERIES CMOS COMPARATOR
S-89210A SII-S-89210A Datasheet
411Kb / 18P
   MINI ANALOG SERIES CMOS COMPARATOR
logo
Extech Instruments Corp...
38073 EXTECH-38073 Datasheet
313Kb / 1P
   Mini Analog MultiMeter
38073 EXTECH-38073_15 Datasheet
223Kb / 1P
   Mini Analog MultiMeter
logo
Seiko Instruments Inc
S-89110A SII-S-89110A Datasheet
457Kb / 18P
   MINI ANALOG SERIES CMOS OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com