Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN70T10T220TGB Datasheet(PDF) 3 Page - SYNC POWER Crop.

Part # SPN70T10T220TGB
Description  DC/DC Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN70T10T220TGB Datasheet(HTML) 3 Page - SYNC POWER Crop.

  SPN70T10T220TGB Datasheet HTML 1Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 2Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 3Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 4Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 5Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 6Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 7Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 8Page - SYNC POWER Crop. SPN70T10T220TGB Datasheet HTML 9Page - SYNC POWER Crop. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
2017/1/10
Ver 3
Page 3
SPN70T10
N-Channel Enhancement Mode MOSFET
ABSOULTE MAXIMUM RATINGS
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
100
V
Gate –Source Voltage
VGSS
±20
V
Continuous Drain Current(TJ=150℃)
TC=25℃
ID
70
A
TC=70℃
48
Pulsed Drain Current
IDM
160
A
Power Dissipation@ TC=25℃ (TO-220/TO-220F)
PD
110
W
Power Dissipation@ TC=25℃ (TO-251/PPAK5X6)
83
Power Dissipation@ TC=25℃ (TO-252)
72
Avalanche Energy with Single Pulse
( Tj=25℃, L = 1mH , IAS = 22A , VDS =100V. )
EAS
240
mJ
Operating Junction Temperature
TJ
-55/150
Storage Temperature Range
TSTG
-55/150
Thermal Resistance-Junction to Ambient (TO-220/TO-220F)
RθJA
62.5
℃/W
Thermal Resistance-Junction to Ambient (TO-251/TO-252)
RθJA
100
℃/W
Thermal Resistance-Junction to Ambient (PPAK5X6)
RθJA
55
℃/W
Thermal Resistance-Junction to Case Top (PPAK5X6)
RθJc
20
℃/W
Thermal Resistance-Junction to Case Bottom (PPAK5X6)
RθJc
2.2
℃/W


Similar Part No. - SPN70T10T220TGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002 SYNC-POWER-SPN7002 Datasheet
264Kb / 10P
   N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RGB SYNC-POWER-SPN7002DS36RGB Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN70T10T220TGB

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com