Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6030 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CBT-BGA-6030
Description  Excellent signal integrity at high frequencies
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6030 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-BGA-6030 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6030 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6030 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6030 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6030 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
D
D
A1 corner
2
SECTION D-D
Thermo couple opening
Rev
Date
Initials
Description
B
3/25/15
RP/MR
Changed spring pin and guides to new design, dowel pin protrusion
adjusted, if needed, metal screws replaced with plastic screws, if
needed. Contact Ironwood for details.
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 7/26/2013
Material: Material <not specified>
Finish:
Weight: 185.60
CBT-BGA-6030 Drawing
SCALE: 1:1
SHEET: 5 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6030 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - CBT-BGA-6030

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6033 IRONWOOD-CBT-BGA-6033 Datasheet
362Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6036 IRONWOOD-CBT-BGA-6036 Datasheet
485Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6037 IRONWOOD-CBT-BGA-6037 Datasheet
520Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6030

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SM-BGA-9040 IRONWOOD-SM-BGA-9040 Datasheet
429Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6511 IRONWOOD-SBT-BGA-6511 Datasheet
372Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6526 IRONWOOD-SBT-BGA-6526 Datasheet
368Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-6037 IRONWOOD-SBT-BGA-6037 Datasheet
375Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7025 IRONWOOD-CBT-QFN-7025 Datasheet
384Kb / 5P
   Excellent signal integrity at high frequencies
CBT-QFN-7029 IRONWOOD-CBT-QFN-7029 Datasheet
488Kb / 4P
   Excellent signal integrity at high frequencies
SBT-BGA-7018 IRONWOOD-SBT-BGA-7018 Datasheet
298Kb / 5P
   Excellent signal integrity at high frequencies
SBT-BGA-6519 IRONWOOD-SBT-BGA-6519 Datasheet
667Kb / 4P
   Excellent signal integrity at high frequencies
SM-BGA-9011 IRONWOOD-SM-BGA-9011 Datasheet
375Kb / 5P
   Excellent signal integrity at high frequencies
SM-QFN-9018 IRONWOOD-SM-QFN-9018 Datasheet
242Kb / 4P
   Excellent signal integrity at high frequencies
CBT-QFN-7007 IRONWOOD-CBT-QFN-7007 Datasheet
370Kb / 4P
   Excellent signal integrity at high frequencies
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com