Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6032 Datasheet(PDF) 4 Page - Ironwood Electronics.

Part # CBT-BGA-6032
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6032 Datasheet(HTML) 4 Page - Ironwood Electronics.

  CBT-BGA-6032 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6032 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6032 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6032 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6032 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
1
2
5
12
13
10
6
4
15
14
11
5
3
7
16
18
21
8
9
19
20
17
22
25.725±0.050
5.00 (x4)
6.00
30.725
20.725
90° (x4)
6.35
2.65
Insulation Plate Specification
ITEM
NO.
DESCRIPTION
Material
1
Spring Clamshell lid assembly
Steel Music Wire
2
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
3
Socket Lid
7075-T6 Aluminum Alloy
4
Latch
7075-T6 Aluminum Alloy
5
Hinge Pin and Snap Ring, 3mm OD, 30mm long, 1045 Stl, Blk
Oxide
AISI 1045 Steel, cold
drawn
6
Precision Compression Spring, Zinc-Plated Music Wire, 1/2"
Length, .12" OD, .016" Wire
Zinc Plated Music Wire
7
CBT 23mm Compression plate Ni Plated
7075-T6 Aluminum Alloy
8
Backing PLate
7075-T6 Aluminum Alloy
9
#0-80 x 0.5, SH Cap Screw
Alloy Steel
10
Insulating washer, 5mm OD.
Kapton Polyimide/Cirlex
11
Heat sink Compression Screw M24 threads
7075-T6 Aluminum Alloy
12
Customer's BGA IC
FR4 Standard
13
Customer's target PCB for 23x23mm 28x28 0.8mm pitch
BGA684
FR4 Standard
14
Fan 40X10MM 12VDC 1.6W 9.9CFM
Material <not specified>
15
Screw, #4-40 X 7/8", Cap
Alloy Steel
16
CBT Socket Base Clamshell 23mm IC W/posts 0.375mm
offset
7075-T6 Aluminum Alloy
17
Bottom Pogo pin Guide 23x23mm 0.8mm 28x28 array
PEEK Ceramic filled
18
Floating Guide 23x23mm 0.8mm 28x28 array
Semitron MDS 100
19
#0-80 X .188" LG FL HD, Slotted, Polypropylene
PP Homopolymer
20
Floating Guide Spring
Alloy Steel (SS)
21
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
22
Middle Pogo Guide 23x23mm 0.8mm 28x28 array
PEEK Ceramic filled
23
Pogo Pin, SBT-BGA 0.5mm-0.8mm
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance
±10%, all other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, Insulation Plate
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 4/24/13
Material: Material <not specified>
Finish: --
Weight: 164.76
CBT-BGA-6032 Drawing
SCALE: 2:1
SHEET: 4 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6032
DRAWN BY: V. Panavala


Similar Part No. - CBT-BGA-6032

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6030 IRONWOOD-CBT-BGA-6030 Datasheet
773Kb / 5P
   Excellent signal integrity at high frequencies
CBT-BGA-6033 IRONWOOD-CBT-BGA-6033 Datasheet
362Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6036 IRONWOOD-CBT-BGA-6036 Datasheet
485Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6037 IRONWOOD-CBT-BGA-6037 Datasheet
520Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6032

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com