Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6033 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CBT-BGA-6033
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6033 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-BGA-6033 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6033 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6033 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6033 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6033 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
20.225 Socket Base outline (top side)
6.3225
3.7825
8.8625 (x8)
6.425±0.025*
6.800±0.025
13.60 (x4)
0.80 Typ.
2X
0.850 THRU ALL
Non Plated hole
4X
1.700±0.100 THRU ALL
Non Plated hole
28.225
16
24.225
21.450 Bottom Guide
21.075
Bottom
Guide
Latch area
A1 Corner
0.025 A B
0.035 A B
A
B
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
*Note: BGA pattern is not symmetrical with
respect to the mounting holes
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 5/23/13
Material: N/A
Finish: N/A
Weight: 41.53
CBT-BGA-6033 Drawing
SCALE: 4:1
SHEET: 2 OF 5
ENG: V. Panavala
FILE: CBT-BGA-6033
DRAWN BY: V. Panavala


Similar Part No. - CBT-BGA-6033

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6030 IRONWOOD-CBT-BGA-6030 Datasheet
773Kb / 5P
   Excellent signal integrity at high frequencies
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6036 IRONWOOD-CBT-BGA-6036 Datasheet
485Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6037 IRONWOOD-CBT-BGA-6037 Datasheet
520Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6033

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com