Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6036 Datasheet(PDF) 1 Page - Ironwood Electronics.

Part # CBT-BGA-6036
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6036 Datasheet(HTML) 1 Page - Ironwood Electronics.

  CBT-BGA-6036 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6036 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6036 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6036 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6036 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
52
44
7
SIDE VIEW
43
49
RECOMMENDED TORQUE: 10-16 IN-LBS
TOP VIEW
CBT-BGA DIRECT MOUNT, SOLDERLESS SOCKET FOR
BURN-IN AND TEST APPLICATIONS
FEATURES:
Wide temperature range (-55C to +180C)
High current capability (up to 4A)
Excellent signal integrity at high frequencies
Low and stable contact resistance for reliable production yield
Highly compliant to accommodate wide co-planarity variations
Automated probe manufacturing enables low cost and short lead time
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Specification
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 02/14/2014
Material: N/A
Finish: N/A
Weight: 129.30
CBT-BGA-6036 Drawing
SCALE: 1:1
SHEET: 1 OF 5
ENG: B. Schatz
FILE: CBT-BGA-6036 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6030 IRONWOOD-CBT-BGA-6030 Datasheet
773Kb / 5P
   Excellent signal integrity at high frequencies
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6033 IRONWOOD-CBT-BGA-6033 Datasheet
362Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6034 IRONWOOD-CBT-BGA-6034 Datasheet
516Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6037 IRONWOOD-CBT-BGA-6037 Datasheet
520Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6036

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com