Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6045 Datasheet(PDF) 2 Page - Ironwood Electronics.

Part # CBT-BGA-6045
Description  Automated probe manufacturing enables low cost and short lead time
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6045 Datasheet(HTML) 2 Page - Ironwood Electronics.

  CBT-BGA-6045 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6045 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6045 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6045 Datasheet HTML 4Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
1.71±0.10 THRU (x4)
non plated mounting hole
0.85±0.025 THRU (x2)
non plated alignment hole
4.8225±0.025
2.2825±0.025
7.55
7.1750
2.5375*
19.725±0.125 backing plate outline
2.1625
7.3625 (x4)
14.725±0.050
0.46
17.600±0.125 socket base outline
17.225±0.125
socket base outline
37.225
socket outline
32.725 socket outline
39.225
socket lid outline
23.00 socket lid outline
8.50 latch
6.35 latch
18.450 Bottom Guide
18.077
Bottom
Guide
Target PCB Recommendations
Total thickness: 1.6mm min.
Plating: Gold or Solder finish
*Note: BGA pattern is not symmetrical
with respect to the mounting holes. It is
shifted by 0.375mm to the right.
no component area
6.07mm maximum
component height
12.37mm maximum
component height
4.67mm maximum
component height
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Recommended PCB Layout
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 01/08/2015
Material: N/A
Finish: N/A
Weight: 77.57
CBT-BGA-6045 Drawing
SCALE: 3.1:1
SHEET: 2 OF 4
ENG: E. Smolentseva
FILE: CBT-BGA-6045 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-6045

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6040 IRONWOOD-CBT-BGA-6040 Datasheet
537Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-6041 IRONWOOD-CBT-BGA-6041 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6043 IRONWOOD-CBT-BGA-6043 Datasheet
783Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-BGA-6044 IRONWOOD-CBT-BGA-6044 Datasheet
439Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6045

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com