Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JANSH2N7262 Datasheet(PDF) 6 Page - International Rectifier

Part # JANSH2N7262
Description  REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANSH2N7262 Datasheet(HTML) 6 Page - International Rectifier

Back Button JANSH2N7262 Datasheet HTML 2Page - International Rectifier JANSH2N7262 Datasheet HTML 3Page - International Rectifier JANSH2N7262 Datasheet HTML 4Page - International Rectifier JANSH2N7262 Datasheet HTML 5Page - International Rectifier JANSH2N7262 Datasheet HTML 6Page - International Rectifier JANSH2N7262 Datasheet HTML 7Page - International Rectifier JANSH2N7262 Datasheet HTML 8Page - International Rectifier JANSH2N7262 Datasheet HTML 9Page - International Rectifier JANSH2N7262 Datasheet HTML 10Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
IRHF7230, IRHF8230,JANSR-,JANSH-,2N7262 Devices
6
www.irf.com
Radiation Characterstics
Fig 11. Typical Output Characteristics
Post-Irradiation 100K Rads (Si)
Fig 10. Typical Output Characteristics
Pre-Irradiation
Fig 12. Typical Output Characteristics
Post-Irradiation 300K Rads (Si)
Fig 13. Typical Output Characteristics
Post-Irradiation 1 Mega Rads (Si)
Note: Bias Conditions during radiation: VGS = 12 Vdc, VDS = 0 Vdc


Similar Part No. - JANSH2N7262

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANSH2N7262 IRF-JANSH2N7262 Datasheet
298Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
More results

Similar Description - JANSH2N7262

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHF7310SE IRF-IRHF7310SE Datasheet
39Kb / 4P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7450 IRF-IRH7450 Datasheet
312Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRH7250 IRF-IRH7250 Datasheet
317Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHF7130 IRF-IRHF7130 Datasheet
291Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7160 IRF-IRHM7160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFE9130 IRF-IRFE9130 Datasheet
203Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM7230 IRF-IRHM7230 Datasheet
301Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHE7110 IRF-IRHE7110 Datasheet
320Kb / 12P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRFV360 IRF-IRFV360 Datasheet
207Kb / 8P
   REPETITIVE AVALANCHE RATED AND dv/dt RATED HEXFET TRANSISTOR
IRFE420 IRF-IRFE420 Datasheet
136Kb / 7P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com