Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-6048 Datasheet(PDF) 7 Page - Ironwood Electronics.

Part # CBT-BGA-6048
Description  Automated probe manufacturing enables low cost and short lead time
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-6048 Datasheet(HTML) 7 Page - Ironwood Electronics.

  CBT-BGA-6048 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 5Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 6Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 7Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 8Page - Ironwood Electronics. CBT-BGA-6048 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
15
1
2
23
17
10
22
2
18
24
3
6
11
7
9
22
12
5
13
8
14
25
4
19
4
18.725 (x4)
90°
3
4
1.71
5
2.50
Backing Plate
Top View
Backing Plate
Side View
SBT PIN
scale 16:1
ITEM NO.
DESCRIPTION
Material
1
Double latch open top socket lid for BGA96, 9x14mm 7075-T6 Aluminum Alloy
2
Compression plate for up to 14mm IC, double latch
7075-T6 Aluminum Alloy
3
CBT double latch socket base for 14mm IC
7075-T6 Aluminum Alloy
4
Clamshell Latch Snap type 9mm wide
7075-T6 Alumium Alloy
5
Top Pin Guide for 9x14mm, 9x16 array 0.8mm pitch 98
holes
Semitron MDS 100
6
Mid Pin Guide for 9x14mm, 9x16 array 0.8mm pitch 110
holes
Semitron MDS 100
7
Bot Pin Guide for 9x14mm, 9x16 array 0.8mm pitch 106
holes
Semitron MDS 100
8
16x16mm Clamshell Backing Plate
7075-T6 Aluminum Alloy
9
TPCB for 9x14mm, 9x16 array 0.8mm pitch BGA96
High Temp FR4
10
2mm diameter Hinge Pin, 20 mm long
Alloy Steel
11
Dowel pin, 1/32" X 1/4", SS
Stainless Steel (18-8)
12
#0-80, 90 deg., head pin guide screw, Peek material
PEEK unfilled
13
#0-80 X 7/16" LG, SOC HD CAP SCREW
Stainless Steel (304)
14
Floating Guide Spring
Alloy Steel (SS)
15
Torsion Spring, 180 0.109" OD, Ccw/Rh
Steel Music Wire
2
M2 Dowel Pin 4mm SS
Stainless Steel (18-8)
17
316SS Comp. Spring .25" Length, .148" OD, .021" Wire DiaMaterial <not specified>
18
Socket Head cap Screw, 0-80, 3/16" lg
Stainless Steel (18-8)
19
Tchip for 9x14mm, 9x16 array 0.8mm pitch BGA96
FR4
22
Snap ring for 2mm Hinge pin 0.15" OD
4
IC 96 Guide
Kapton Polyimide/Cirlex
22
IC Guide 78-1
Kapton Polyimide/Cirlex
23
IC Guide 78-2
Kapton Polyimide/Cirlex
24
IC Guide 78-3
Kapton Polyimide/Cirlex
25
SBT Pin, SBT-BGA 0.5mm-0.8mm
Tolerances: Hole diameters ±0.0254mm [±0.001"], Pitches (from true position) ±0.0762mm [±0.003"], substrate thickness tolerance ±10%, all
other tolerances ±0.127mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket Assy, detail
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 06/30/2015
Material: N/A
Finish: N/A
Weight: 19.19
CBT-BGA-6048 Drawing
SCALE: 2.5:1
SHEET: 7 OF 9
ENG: J. Vavra
FILE: CBT-BGA-6048 Dwg
DRAWN BY: M. Raske
©2015 Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com


Similar Part No. - CBT-BGA-6048

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6040 IRONWOOD-CBT-BGA-6040 Datasheet
537Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-6041 IRONWOOD-CBT-BGA-6041 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6043 IRONWOOD-CBT-BGA-6043 Datasheet
783Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-BGA-6044 IRONWOOD-CBT-BGA-6044 Datasheet
439Kb / 6P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6045 IRONWOOD-CBT-BGA-6045 Datasheet
344Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
More results

Similar Description - CBT-BGA-6048

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-LGA-5000 IRONWOOD-CBT-LGA-5000 Datasheet
351Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com