Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX66C256MI-70 Datasheet(PDF) 1 Page - Macronix International

Part # MX66C256MI-70
Description  Very Low Power 32k x 8 CMOS SRAM
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX66C256MI-70 Datasheet(HTML) 1 Page - Macronix International

  MX66C256MI-70 Datasheet HTML 1Page - Macronix International MX66C256MI-70 Datasheet HTML 2Page - Macronix International MX66C256MI-70 Datasheet HTML 3Page - Macronix International MX66C256MI-70 Datasheet HTML 4Page - Macronix International MX66C256MI-70 Datasheet HTML 5Page - Macronix International MX66C256MI-70 Datasheet HTML 6Page - Macronix International MX66C256MI-70 Datasheet HTML 7Page - Macronix International MX66C256MI-70 Datasheet HTML 8Page - Macronix International MX66C256MI-70 Datasheet HTML 9Page - Macronix International  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
MX66C256
Rev. 1.1, Jan., 2000
P/N DS0035
1
Macronix America Inc. USA 1338 Ridder Park Dr., San Jose, CA 95131
Tel (408)453-8088
Fax (408)451-0876
www.macronix.com
Very Low Power 32k x 8 CMOS SRAM
PIN CONFIGURATIONS
Address
Input
Buffer
Row
Decoder
Memory Array
512 x 512
Column I/O
Write Driver
Sense Amp
Column Decoder
Data
Buffer
Output
Address Input Buffer
A3 A2 A1 A0 A10
Data
Buffer
Input
Control
Gnd
Vdd
OE
WE
CE
DQ7
DQ6
DQ5
DQ4
DQ3
DQ2
DQ1
DQ0
A12
A11
A9
A8
A7
A6
A5
8
8
8
8
12
64
512
BLOCK DIAGRAM
512
18
A14
A13
A4
FEATURES
Vcc operation voltage : 5.0V
Very low power consumption :
50 mA (Max.) write current
40 mA (Max.) read current
0.4uA (Typ.) CMOS standby current
High speed access time :
- 70
70ns (Max.)
- 100
100ns (Max.)
Input levels are CMOS-compatible
Automatic power down when chip is deselected
Three state outputs
Fully static operation
Data retention supply voltage as low as 2.0V
Easy expansion with CE and OE options
The MX66C256 is a high performance, very low power
CMOS Static Random Access Memory organized as
32,768 words by 8 bits and operates at 5.0V supply
voltage.
Advanced CMOS technology and circuit techniques
provide both high speed and low power features with a
typical CMOS standby current of 0.4uA and maximum
access time of 70ns and 100 ns in 5V operation.
Easy memory expansion is provided by an active LOW
chip enable(CE), and active LOW output enable (OE)
and three-state output drivers.
The MX66C256 has an automatic power down feature,
reducing the power consumption significantly when chip
is deselected.
The MX66C256 is available in the JEDEC standard 28
pin 330mil Plastic SOP, and 8mmx13.4mm TSOP
(normal type).
DESCRIPTION
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
GND
DQ2
DQ1
DQ0
A0
A1
A2
1
2
3
4
5
6
7
8
9
10
11
12
13
14
OE
A11
A9
A8
A13
WE
VCC
A14
A12
A7
A6
A5
A4
A3
28-TSOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
VCC
WE
A13
A8
A9
A11
OE
A10
CE
DQ7
DQ6
DQ5
DQ4
DQ3
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
DQ0
DQ1
DQ2
GND
28-SOP
28
27
26
25
24
23
22
21
20
19
18
17
16
15
1
2
3
4
5
6
7
8
9
10
11
12
13
14


Similar Part No. - MX66C256MI-70

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX66C1024 MCNIX-MX66C1024 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MC-10 MCNIX-MX66C1024MC-10 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MC-70 MCNIX-MX66C1024MC-70 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MI-10 MCNIX-MX66C1024MI-10 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
MX66C1024MI-70 MCNIX-MX66C1024MI-70 Datasheet
323Kb / 10P
   5V Low Power CMOS SRAM 128 x 8 Bit
More results

Similar Description - MX66C256MI-70

ManufacturerPart #DatasheetDescription
logo
Brilliance Semiconducto...
BS62LV256 BSI-BS62LV256_06 Datasheet
242Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256_08 Datasheet
312Kb / 10P
   Very Low Power CMOS SRAM 32K X 8 bit
BS62LV2565 BSI-BS62LV2565 Datasheet
330Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV2563 BSI-BS62LV2563 Datasheet
327Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
BS62LV256 BSI-BS62LV256 Datasheet
331Kb / 11P
   Very Low Power/Voltage CMOS SRAM 32K X 8 bit
logo
Wing Shing Computer Com...
WS62256 WINGS-WS62256 Datasheet
353Kb / 9P
   Very Low Power / Voltage CMOS SRAM 32K X 8bit
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256 Datasheet
212Kb / 14P
   32K X 8 BIT LOW POWER CMOS SRAM
LY62W256 LYONTEK-LY62W256 Datasheet
204Kb / 13P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
List of Unclassifed Man...
UT62256C ETC-UT62256C Datasheet
162Kb / 12P
   32K X 8 BIT LOW POWER CMOS SRAM
logo
Lyontek Inc.
LY62256 LYONTEK-LY62256_16 Datasheet
628Kb / 17P
   32K X 8 BIT LOW POWER CMOS SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com