Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

744900027 Datasheet(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744900027
Description  WE-TCI Thinfilm Chip Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

744900027 Datasheet(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  744900027 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 744900027 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 744900027 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 744900027 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 744900027 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1.0
REV
2015-03-11
DATE
SSt
BY
HBH
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-TCI Thinfilm Chip Inductor
Order.- No.
744900027
SIZE
A4
Size: 0201
A Dimensions: [mm]
B Recommended land pattern: [mm]
D Electrical Properties:
Properties
Inductance
Q-factor
DC Resistance
Rated current
Self resonant frequency
Test conditions
500 MHz
500 MHz
@ 20°C
∆T = 30 K
L
Q
RDC
IR
fres
Value
2.7
8
0.80
150
8
Unit
nH
Ω
mA
GHz
Tol.
± 0.2nH
min.
max.
max.
min.
E General information:
It is recommended that the temperature of the part does not exceed 125°C
under worst case operating conditions.
•Ambient temperature: -40°C to +95°C (refering to IR)
•Operating temperature: -40°C to +125°C
•Storage temperature (on tape & reel): -10°C to +40°C; 30 to 70% RH max.
•Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differently
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 744900027

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744900020 WURTH-744900020 Datasheet
907Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900022 WURTH-744900022 Datasheet
908Kb / 5P
   WE-TCI Thinfilm Chip Inductor
More results

Similar Description - 744900027

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744902012 WURTH-744902012 Datasheet
139Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744902039 WURTH-744902039 Datasheet
112Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744902115 WURTH-744902115 Datasheet
139Kb / 2P
   Thinfilm-Chip-Inductor WE-TCI
744900012 WURTH-744900012 Datasheet
908Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744901047 WURTH-744901047 Datasheet
968Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744901062 WURTH-744901062 Datasheet
463Kb / 6P
   WE-TCI Thinfilm Chip Inductor
001.001
744901072 WURTH-744901072 Datasheet
452Kb / 6P
   WE-TCI Thinfilm Chip Inductor
001.000
744901010 WURTH-744901010 Datasheet
965Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900039 WURTH-744900039 Datasheet
909Kb / 5P
   WE-TCI Thinfilm Chip Inductor
744900010 WURTH-744900010 Datasheet
936Kb / 5P
   WE-TCI Thinfilm Chip Inductor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com