Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4882 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4882
Description  250mW Audio Power Amplifier with Shutdown Mode
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4882 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  LM4882 Datasheet HTML 1Page - National Semiconductor (TI) LM4882 Datasheet HTML 2Page - National Semiconductor (TI) LM4882 Datasheet HTML 3Page - National Semiconductor (TI) LM4882 Datasheet HTML 4Page - National Semiconductor (TI) LM4882 Datasheet HTML 5Page - National Semiconductor (TI) LM4882 Datasheet HTML 6Page - National Semiconductor (TI) LM4882 Datasheet HTML 7Page - National Semiconductor (TI) LM4882 Datasheet HTML 8Page - National Semiconductor (TI) LM4882 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Typical Performance Characteristics (Continued)
THD+N vs Frequency
DS100030-11
THD+N vs Frequency
DS100030-23
THD+N vs Frequency
DS100030-22
THD+N vs Frequency
DS100030-24
THD+N vs Frequency
DS100030-25
THD+N vs
Output Power
DS100030-29
THD+N vs
Output Power
DS100030-4
THD+N vs
Output Power
DS100030-8
www.national.com
4


Similar Part No. - LM4882

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TM/NOPB TI1-LM48820TM/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820TMX/NOPB TI1-LM48820TMX/NOPB Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
More results

Similar Description - LM4882

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HWD2182 ETC1-HWD2182 Datasheet
597Kb / 12P
   250mW Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4880 UTC-LM4880_12 Datasheet
401Kb / 12P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_15 Datasheet
396Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4880 UTC-LM4880_07 Datasheet
285Kb / 11P
   DUAL 250mW AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
SG Micro Corp
SGM4871 SGMICRO-SGM4871 Datasheet
331Kb / 12P
   Audio Power Amplifier with Shutdown Mode
logo
Unisonic Technologies
LM4862 UTC-LM4862 Datasheet
125Kb / 5P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
LM4862 UTC-LM4862_15 Datasheet
153Kb / 4P
   AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
National Semiconductor ...
LM4861 NSC-LM4861_03 Datasheet
276Kb / 12P
   1.1W Audio Power Amplifier with Shutdown Mode
LM4819 NSC-LM4819 Datasheet
616Kb / 21P
   350mW Audio Power Amplifier with Shutdown Mode
LM4871 NSC-LM4871 Datasheet
243Kb / 8P
   1.1W Audio Power Amplifier with Shutdown Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com