Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MLF2012C180XT Datasheet(PDF) 1 Page - TDK Electronics

Part # MLF2012C180XT
Description  SMD
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

MLF2012C180XT Datasheet(HTML) 1 Page - TDK Electronics

  MLF2012C180XT Datasheet HTML 1Page - TDK Electronics MLF2012C180XT Datasheet HTML 2Page - TDK Electronics MLF2012C180XT Datasheet HTML 3Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Specifications which provide more details for the proper and safe use of the described product are available upon request.
All specifications are subject to change without notice.
Inductors
MLF Series MLF2012 Type
For General Applications
SMD
FEATURES
• High-reliability monolithic structure.
• Ferrite core and magnetic shielding enables the design of com-
pact circuits with high packing density.
• Excellent solderability and high heat resistance permits either
flow or reflow soldering.
APPLICATIONS
Personal computers, HDDs, or other various electronic appliances.
SPECIFICATIONS
RECOMMENDED REFLOW SOLDERING CONDITIONS
PRODUCT IDENTIFICATION
(1) Series name
(2) Dimensions L
×W
(3) Material code
(4) Inductance value
(5) Inductance tolerance
(6) Packaging style
PACKAGING STYLE AND QUANTITIES
HANDLING AND PRECAUTIONS
• Before soldering, be sure to preheat components.
The preheating temperature should be set so that the tempera-
ture difference between the solder temperature and product
temperature does not exceed 150°C.
• After mounting components onto the printed circuit board, do not
apply stress through board bending or mishandling.
• The inductance value may change due to magnetic saturation if
the current exceeds the rated maximum.
• Do not expose the inductors to stray magnetic fields.
• Avoid static electricity discharge during handling.
• When hand soldering, apply the soldering iron to the printed cir-
cuit board only. Temperature of the iron tip should not exceed
300°C. Soldering time should not exceed 3 seconds.
Operating temperature range
–25 to +85°C
Storage temperature range
–40 to +85°C[Unit of products]
10s max.
40s max.
Preheating 60 to 120s min.
Natural
cooling
220°C
200°C
150°C
Time(s)
1608
1.6
×0.8mm
2012
2.0
×1.25mm
47N
47nH[0.047
µH]
R15
0.15
µH
1R0
1
µH
100
10
µH
K
±10%
M
±20%
T
Taping [reel]
Packaging style
Product’s thickness
Quantity
Taping
0.8/0.85mm
4000 pieces/reel
1.25mm
2000 pieces/reel
MLF 1608 A 1R0 K
T
(1)
(2)
(3) (4) (5) (6)


Similar Part No. - MLF2012C180XT

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
MLF2012C180KT TDK-MLF2012C180KT Datasheet
123Kb / 10P
   Inductors for Standard Circuits Multilayer/STD magnetic shielded MLF series
MLF2012C180KT000 TDK-MLF2012C180KT000 Datasheet
142Kb / 3P
   Inductors (Coils)
MLF2012C180KTD25 TDK-MLF2012C180KTD25 Datasheet
210Kb / 3P
   Inductors (Coils)
MLF2012C180MT000 TDK-MLF2012C180MT000 Datasheet
142Kb / 3P
   Inductors (Coils)
MLF2012C180MTD25 TDK-MLF2012C180MTD25 Datasheet
210Kb / 3P
   Inductors (Coils)
More results

Similar Description - MLF2012C180XT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXO7050T5 RSG-CXO7050T5 Datasheet
76Kb / 1P
   SMD-Oszillatoren SMD-Oscillators
logo
ABC Taiwan Electronics ...
SU30181R5YL ABC-SU30181R5YL Datasheet
124Kb / 7P
   SHIELDED SMD SHIELDED SMD
SH20111R0YL ABC-SH20111R0YL Datasheet
473Kb / 6P
   SHIELDED SMD SHIELDED SMD
SH40091R1YL ABC-SH40091R1YL Datasheet
488Kb / 6P
   SHIELDED SMD SHIELDED SMD
logo
SHENZHEN YONGERJIA INDU...
WEJT81BC-D76 WINNERJOIN-WEJT81BC-D76 Datasheet
562Kb / 6P
   SMD
WEJT81GC-R5 WINNERJOIN-WEJT81GC-R5 Datasheet
596Kb / 6P
   SMD
WEJT145N-2C1I-2D1 WINNERJOIN-WEJT145N-2C1I-2D1 Datasheet
703Kb / 10P
   SMD
WEJT145W-2C1I-2D3 WINNERJOIN-WEJT145W-2C1I-2D3 Datasheet
959Kb / 10P
   SMD
WEJT285M-2C1I-2D1 WINNERJOIN-WEJT285M-2C1I-2D1 Datasheet
559Kb / 10P
   smd
WEJT285N-2C1I-2D1 WINNERJOIN-WEJT285N-2C1I-2D1 Datasheet
559Kb / 10P
   SMD
WEJT285W-2B1F-2D3 WINNERJOIN-WEJT285W-2B1F-2D3 Datasheet
561Kb / 10P
   SMD
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com