Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

Q62702P1745 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # Q62702P1745
Description  GaAlAs Light Emitting Diode (660 nm)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

Q62702P1745 Datasheet(HTML) 3 Page - OSRAM GmbH

  Q62702P1745 Datasheet HTML 1Page - OSRAM GmbH Q62702P1745 Datasheet HTML 2Page - OSRAM GmbH Q62702P1745 Datasheet HTML 3Page - OSRAM GmbH Q62702P1745 Datasheet HTML 4Page - OSRAM GmbH Q62702P1745 Datasheet HTML 5Page - OSRAM GmbH Q62702P1745 Datasheet HTML 6Page - OSRAM GmbH Q62702P1745 Datasheet HTML 7Page - OSRAM GmbH Q62702P1745 Datasheet HTML 8Page - OSRAM GmbH Q62702P1745 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Version 1.1
SFH 464 E7800
2014-01-16
3
Characteristics (TA = 25 °C)
Kennwerte
Parameter
Symbol
Values
Unit
Bezeichnung
Symbol
Werte
Einheit
Emission wavelength
Zentrale Emissionswellenlänge
(IF = 50 mA, tP = 20 ms)
λpeak
660
nm
Spectral bandwidth at 50% of Imax
Spektrale Bandbreite bei 50% von Imax
(IF = 50 mA, tp = 20 ms)
Δλ
25
nm
Half angle 1)page 9
Halbwinkel 1) Seite 9
ϕ
± 23
°
Active chip area
Aktive Chipfläche
A0.1
mm2
Dimensions of active chip area
Abmessungen der aktiven Chipfläche
L x W
0.325 x 0.325
mm x
mm
Distance chip front to case surface
Abstand Chipoberfläche bis Gehäusevorderseite
H
0.3 ... 0.7
mm
Rise and fall time of Ie ( 10% and 90% of Ie max)
Schaltzeit von Ie ( 10% und 90% von Ie max)
(IF = 50 mA, RL = 50 Ω)
tr, tf
100
ns
Capacitance
Kapazität
(VR = 0 V, f = 1 MHz)
C0
30
pF
Forward voltage
Durchlassspannung
(IF = 50 mA, tP = 20 ms)
VF
2.1 (≤ 2.8)
V
Reverse current
Sperrstrom
(VR = 3 V)
IR
0.01 (≤ 10)
µA
Total radiant flux
Gesamtstrahlungsfluss
(IF = 50 mA, tp = 20 ms)
Φe
11
mW
Temperature coefficient of Ie or Φe
Temperaturkoeffizient von Ie bzw. Φe
(IF = 50 mA, tp = 20 ms)
TCI
-0.4
% / K


Similar Part No. - Q62702P1745

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
Q62702P1002 OSRAM-Q62702P1002 Datasheet
138Kb / 7P
   GaAs-IR-Lumineszenzdiode
More results

Similar Description - Q62702P1745

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH464 SIEMENS-SFH464 Datasheet
40Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
SFH4860 SIEMENS-SFH4860 Datasheet
42Kb / 5P
   GaAlAs-Lumineszenzdiode 660 nm GaAlAs Light Emitting Diode 660 nm
logo
OSRAM GmbH
SFH4860 OSRAM-SFH4860 Datasheet
149Kb / 7P
   GaAlAs-Lumineszenzdiode (660 nm)
logo
KODENSHI_AUK CORP.
KLP-32R KODENSHI-KLP-32R Datasheet
243Kb / 2P
   Light Emitting Diode(GaAlAs)
logo
OSRAM GmbH
SFH-4860 OSRAM-SFH-4860 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
SFH4860 OSRAM-SFH4860_16 Datasheet
223Kb / 9P
   GaAlAs Light Emitting Diode
logo
Panasonic Semiconductor
LN77L PANASONIC-LN77L Datasheet
40Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN78 PANASONIC-LN78 Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LN175 PANASONIC-LN175 Datasheet
42Kb / 2P
   GaAlAs Infrared Light Emitting Diode
LNA4401L PANASONIC-LNA4401L Datasheet
35Kb / 2P
   GaAlAs Infrared Light Emitting Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com