Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

85463 Datasheet(PDF) 3 Page - Mallory performance club

Part # 85463
Description  MSD Pro-Billet Chrysler V8 Distributor
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MALLORY [Mallory performance club]
Direct Link  http://mallory-ignition.com/
Logo MALLORY - Mallory performance club

85463 Datasheet(HTML) 3 Page - Mallory performance club

  85463 Datasheet HTML 1Page - Mallory performance club 85463 Datasheet HTML 2Page - Mallory performance club 85463 Datasheet HTML 3Page - Mallory performance club 85463 Datasheet HTML 4Page - Mallory performance club 85463 Datasheet HTML 5Page - Mallory performance club 85463 Datasheet HTML 6Page - Mallory performance club 85463 Datasheet HTML 7Page - Mallory performance club 85463 Datasheet HTML 8Page - Mallory performance club  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
INSTALLATION INSTRUCTIONS
3
MSD • W W W. M S D PE R F OR M A NC E . C OM • ( 91 5 ) 8 5 7 -5 2 0 0 • F AX ( 9 15 ) 8 57 - 33 4 4
To change the springs, remove the cap and rotor and use needlenose pliers to remove the springs.
Be sure the new springs seat in the groove on the pin.
RED
RED
RED
SILVER
GREEN
BLUE
PURPLE
BLACK
SILVER
GREEN
BLUE
PURPLE
BLACK
SILVER
GREEN
BLUE
PURPLE
BLACK
SILVER
GREEN
BLUE
PURPLE
BLACK
SILVER
GREEN
BLUE
PURPLE
BLACK
SILVER
GREEN
BLUE
PURPLE
BLACK
RED
RED
RED
ADVANCE
STOP BUSHING
ADVANCE
STOP BUSHING
ADVANCE
STOP BUSHING
ADVANCE
STOP BUSHING
ADVANCE
STOP BUSHING
ADVANCE
STOP BUSHING
Figure 2 The Factory Equipped Curve.
Timing Curve From Factory
Figure 3 Spring Combination Chart.
SPRING COMBINATION
RATE OF ADVANCE
FIGURE 4
2- Heavy Silver
SLOWEST
A
1- Heavy Silver
B
1- Light Blue
1-Heavy Silver
C
1-Light Silver
2- Light Blue
D
1- Light Silver
E
1- Light Blue
2- Light Silver
FASTEST
F
Figure 4 Advance Curves.


Similar Part No. - 85463

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8546 FILTRAN-8546 Datasheet
100Kb / 1P
   INDUCTORS Inductors Designed for Nationals 150 KHz SIMPLE SWITCHERTM
logo
PHOENIX CONTACT
8546 PHOENIX-8546 Datasheet
300Kb / 18P
   AXL E ETH DI16 M12 6M
logo
TriQuint Semiconductor
854622 TRIQUINT-854622 Datasheet
37Kb / 1P
    175 MHz Bandpass Filter
854651 TRIQUINT-854651 Datasheet
36Kb / 1P
   70 MHz Low-Loss Filter
854651 TRIQUINT-854651_15 Datasheet
492Kb / 5P
   70 MHz SAW Filter
More results

Similar Description - 85463

ManufacturerPart #DatasheetDescription
logo
Mallory performance clu...
PN8534 MALLORY-PN8534 Datasheet
521Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN8545 MALLORY-PN8545 Datasheet
334Kb / 8P
   MSD Pro-Billet Chrysler V8 Distributor
PN8388 MALLORY-PN8388 Datasheet
603Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
83873 MALLORY-83873 Datasheet
597Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN83891 MALLORY-PN83891 Datasheet
489Kb / 8P
   MSD Pro-Billet Chrysler Distributor
PN8386 MALLORY-PN8386 Datasheet
603Kb / 8P
   MSD Pro-Billet Ready-to-Run Chrysler V8 Distributor
PN8517 MALLORY-PN8517 Datasheet
334Kb / 8P
   MSD Pro-Billet V8 Distributor
PN85551 MALLORY-PN85551 Datasheet
489Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
PN85705 MALLORY-PN85705 Datasheet
335Kb / 4P
   MSD Pro-Billet Chevrolet V8 Distributor
85505 MALLORY-85505 Datasheet
324Kb / 8P
   MSD Pro-Billet Chevrolet V8 Distributor
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com