Electronic Components Datasheet Search |
|
PN77303 Datasheet(PDF) 4 Page - Mallory performance club |
|
PN77303 Datasheet(HTML) 4 Page - Mallory performance club |
4 / 16 page 4 INSTALLATION INSTRUCTIONS MSD • WWW .MSDPERFORMANCE.COM • (915) 855-7123 • F AX (915) 857-3344 MOUNTING The Power Grid System Controller should be mounted in a sturdy, dry location that does not expose the unit to extreme heat. It is designed to be mounted on top of the PN 7720 Power Grid Ignition.Be sure to mount the Power Grid System Controller so the USB connector and Micro-SD card are accessible. The unit comes with thread-turning (aka. Self- tapping) screws that will cut into the walls of the pre-drilled holes on the top corners of the Power Grid-7. If the Power Grid System Controller, PN 7730 / PN 77303, is not being mounted on top of the Power Grid-7 the unit should be secured with the supplied hardware. Note: Insecure or otherwise improper mounting of the unit could result in damage or failure. Always make sure the unit is dry, avoids unnecessary excess vibration, and is not exposed to extreme heat. MSD VIEW The MSD View software controls all of the functionality of the Power Grid System Controller. The following information gives a brief explanation of each function or feature in the system as well as the settings that control it. While using the program, hover the mouse over a Function to display a brief explanation. When the system controller is connected to a PC via USB MSD View will automatically recognize it and load the settings stored in it. Note: Ensure that MSD View is installed on the PC prior to connecting the Power Grid Ignition Controller. INSTALLATION OF THE VIEW SOFTWARE 1. Insert the installation CD Rom into the CD drive, wait up to 30 seconds, the CD will auto run, IF THIS DOES NOT OCCUR: Locate and open the CD Drive. Double click on the Setup file. 2. Select “Click here to Install Version X.XX”. 3. Once loaded, your monitor will have an MSD View X.XX logo.Accept the agreement. Drive the installation to your program files folder, press the enter key. The installation will complete, select OK. 4. A window will be opened with two aliases, double-click on the MSD View alias to launch the software. 5.Connect the system controller via USB.If the software does not recognize the controller and auto-connect, manually select the Power Grid in the popup window and click Connect. Note: The View Software can be downloaded from www.msdignition.com. SAVES AND TRANSFERS Using the Power Grid System Controller changes are in real time if the computer is linked to the ignition. You can create and save numerous files on your PC and transfer them for testing purposes or to use for various locations and conditions. The following instructions will go through a general description of the use of the Power Grid System Control following the tab system that you will see in the software. Figure 3 Mounting |
Similar Part No. - PN77303 |
|
Similar Description - PN77303 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |