Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL27WZ125 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL27WZ125
Description  Dual Buffer with 3-State Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL27WZ125 Datasheet(HTML) 4 Page - ON Semiconductor

  NL27WZ125 Datasheet HTML 1Page - ON Semiconductor NL27WZ125 Datasheet HTML 2Page - ON Semiconductor NL27WZ125 Datasheet HTML 3Page - ON Semiconductor NL27WZ125 Datasheet HTML 4Page - ON Semiconductor NL27WZ125 Datasheet HTML 5Page - ON Semiconductor NL27WZ125 Datasheet HTML 6Page - ON Semiconductor NL27WZ125 Datasheet HTML 7Page - ON Semiconductor NL27WZ125 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
NL27WZ125
http://onsemi.com
4
CAPACITIVE CHARACTERISTICS
Symbol
Parameter
Condition
Typical
Unit
CIN
Input Capacitance
VCC = 5.5 V, VI = 0 V or VCC
7.0
pF
COUT
Output Capacitance
VCC = 5.5 V, VI = 0 V or VCC
7.0
pF
CPD
Power Dissipation Capacitance
10 MHz, VCC = 3.3 V, VI = 0 V or VCC
18
pF
CPD
o e
ss a o Ca ac a ce
(Note 7)
0,
CC
33 ,
I
0o
CC
10 MHz, VCC = 5.5 V, VI = 0 V or VCC
8
27
7. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current consumption without load.
Average operating current can be obtained by the equation: ICC(OPR) = CPD  VCC  fin + ICC. CPD is used to determine the no–load dynamic
power consumption; PD = CPD  VCC2  fin + ICC  VCC.
CL*
Figure 3. Switching Waveform
INPUT
RL
*Includes all probe and jig capacitance.
A 1 MHz square input wave is recommended for
propagation delay tests.
Figure 4. TPLH or TPHL
tf = 3 ns
VCC
GND
VOH
VOL
90%
50%
10%
tPLH
tPHL
OUTPUT Y
INPUT
A and B
tf = 3 ns
90%
50%
10%
OUTPUT
OE = GND
50%
50%
VCC
0 V
≈ 0 V
OE
On
tPZH
≈ VCC
tPHZ
tPZL
tPLZ
On
50%
50%
50%
VCC
VOH – 10%
VOL + 10%
GND
50%
Figure 5. AC Output Enable and Disable Waveform


Similar Part No. - NL27WZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
71Kb / 5P
   Dual Buffer with 3?뭆tate Outputs
April, 2006 ??Rev. 5
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
114Kb / 5P
   Dual Buffer with 3-State Outputs
March, 2014 ??Rev. 10
NL27WZ125 ONSEMI-NL27WZ125 Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ125MQ1TCG ONSEMI-NL27WZ125MQ1TCG Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ125MQ2TCG ONSEMI-NL27WZ125MQ2TCG Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
More results

Similar Description - NL27WZ125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL27WZ125 ONSEMI-NL27WZ125_V01 Datasheet
160Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 13
NL27WZ126 ONSEMI-NL27WZ126 Datasheet
87Kb / 8P
   Dual Buffer with 3-State Outputs
July, 2002 ??Rev. 2
NL27WZ125 ONSEMI-NL27WZ125_12 Datasheet
106Kb / 5P
   Dual Buffer with 3-State Outputs
April, 2012 ??Rev. 8
NL27WZ126 ONSEMI-NL27WZ126_12 Datasheet
107Kb / 6P
   Dual Buffer with 3-State Outputs
April, 2012 ??Rev. 8
NL27WZ126 ONSEMI-NL27WZ126_V01 Datasheet
156Kb / 12P
   Dual Buffer with 3-State Outputs
March, 2022 - Rev. 14
NL27WZ126 ONSEMI-NL27WZ126_15 Datasheet
76Kb / 6P
   Dual Buffer with 3-State Outputs
August, 2015 ??Rev. 10
NL27WZ125 ONSEMI-NL27WZ125_14 Datasheet
114Kb / 5P
   Dual Buffer with 3-State Outputs
March, 2014 ??Rev. 10
logo
Texas Instruments
SN74AUC2G241 TI-SN74AUC2G241_09 Datasheet
526Kb / 15P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
SN74AUC2G240 TI-SN74AUC2G240_1 Datasheet
538Kb / 13P
[Old version datasheet]   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
logo
Unisonic Technologies
U74LVC2G240 UTC-U74LVC2G240 Datasheet
214Kb / 6P
   DUAL BUFFER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com