Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

21045-3 Datasheet(PDF) 3 Page - TE Connectivity Ltd

Part # 21045-3
Description  Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

21045-3 Datasheet(HTML) 3 Page - TE Connectivity Ltd

  21045-3 Datasheet HTML 1Page - TE Connectivity Ltd 21045-3 Datasheet HTML 2Page - TE Connectivity Ltd 21045-3 Datasheet HTML 3Page - TE Connectivity Ltd 21045-3 Datasheet HTML 4Page - TE Connectivity Ltd 21045-3 Datasheet HTML 5Page - TE Connectivity Ltd 21045-3 Datasheet HTML 6Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
408-1254
3 of 6
Rev D
1
Crimps centered, Crimps may be off center BUT NOT OFF
END OF WIRE BARREL.
2
AWG wire size being used matches wire size stamped on
terminal or splice and head of crimping tool.
3
Insulation does not enter wire barrel.
4
Wire is visible through inspection hole of butt splices.
Wire is flush with or extends slightly beyond end of terminal
wire barrel.
5
On parallel splices, bare wire ends must be flush with or
extend slightly beyond end of barrel.
6
Wire size embossed on crimped wire barrel matches wire
size stamped on terminal or splice.
1
Crimped off end of splice or terminal wire barrel.
2
AWG wire size being used does not match wire size stamped
on terminal or splice and head of crimping tool.
3
Insulation entered barrel of terminal or splice. CHECK FOR
INCORRECT STRIP LENGTH.
4
Wire not inserted far enough in terminal of splice. End of wire
must be visible through inspection hole of butt splices, and
be flush with or extend slightly beyond end of terminal wire
barrel or parallel splice.
5
Excessive "flash" on terminal or splice indicates wrong wire,
terminal or splice, or tooling combination was used.
6
Nicked or missing strands.
7
Wire size embossed on crimped wire barrel does not match
wire size stamped on terminal or splice.
Figure 5
5. Close handles until terminal is held firmly in
place. Do NOT deform terminal wire barrel.
6. Insert stripped wire into terminal until end of wire
is at least flush with or extended slightly beyond
end of wire barrel. See Figures 3A or 3B.
7. To complete the crimp, close the handles until
the CERTI-CRIMP hand crimping tool ratchet
control releases. Handles can now be opened and
the crimped terminal may be removed.
8. Refer to Section 3 and Figure 5 for terminal
crimp inspection procedures.
Splices
9. Center one half of the butt splice in nest as
shown in Figure 4A or 4B. For best results, when
brazed seam on splice is visible, position the seam
toward the indenter.
10. Center parallel splice in nest as shown in
Figure 4C. Be sure brazed seam faces indenter.
11. Close handles until splice is held firmly in place.
Do NOT deform splice wire barrel.
12. Insert stripped wire into butt splices until end of
wire butts against wire stop in splice as shown in
Figure 4A or 4B. Insert stripped wire into parallel
ACCEPT
REJECT
Wire Range
Stamped Here
Embossed
Wire Size
Embossed
Wire Size
Embossed
Wire Size
Wire Range
Stamped Here
Sight Hole
Type
Standard
Type
Wire Range
Stamped Under
Tongue
Embossed
Wire Size
Embossed
Wire Size
Wire Range Stamped
Under Tongue
Wire Range
Stamped Here
Embossed
Wire Size
Embossed
Wire Size
Embossed
Wire Size
Wire Range
Stamped Here
TERMINAL
FLAG TERMINAL
PARALLEL
SPLICE
BUTT
SPLICE


Similar Part No. - 21045-3

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
21045-3 TEC-21045-3 Datasheet
4Mb / 4P
   THIS DRAWING IS A CONTROLLED DOCUMENT FOR TYCO ELECTRONICS CORPORATION
21045-3 TEC-21045-3 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
21045-3 TEC-21045-3 Datasheet
4Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
21045-3 TEC-21045-3 Datasheet
5Mb / 4P
   SHOULD BE CONTACTED FOR THE LATEST REVISION.
21045-3 TEC-21045-3 Datasheet
5Mb / 4P
   IT IS SUBJECT TO CHANGE AND THE CONTROLLING ENGINEERING ORGANIZATION
More results

Similar Description - 21045-3

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
408-8698 MACOM-408-8698 Datasheet
623Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8695 MACOM-408-8695 Datasheet
988Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
logo
TE Connectivity Ltd
408-32084 TEC-408-32084 Datasheet
650Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-6790 TEC-408-6790 Datasheet
306Kb / 3P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-1535 TEC-408-1535 Datasheet
640Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-1412 TEC-408-1412 Datasheet
741Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-9786 TEC-408-9786 Datasheet
427Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
Tyco Electronics
408-1662 MACOM-408-1662 Datasheet
1Mb / 8P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
logo
TE Connectivity Ltd
408-4087 TEC-408-4087 Datasheet
285Kb / 5P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools.
408-8691 TEC-408-8691 Datasheet
769Kb / 7P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
408-8739 TEC-408-8739 Datasheet
836Kb / 6P
   Cumulative Trauma Disorders can result from the prolonged use of manually powered hand tools
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com