Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHT-RB1X0SD40S0AMS0Z Datasheet(PDF) 4 Page - SICK AG

Part # PHT-RB1X0SD40S0AMS0Z
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

PHT-RB1X0SD40S0AMS0Z Datasheet(HTML) 4 Page - SICK AG

  PHT-RB1X0SD40S0AMS0Z Datasheet HTML 1Page - SICK AG PHT-RB1X0SD40S0AMS0Z Datasheet HTML 2Page - SICK AG PHT-RB1X0SD40S0AMS0Z Datasheet HTML 3Page - SICK AG PHT-RB1X0SD40S0AMS0Z Datasheet HTML 4Page - SICK AG PHT-RB1X0SD40S0AMS0Z Datasheet HTML 5Page - SICK AG PHT-RB1X0SD40S0AMS0Z Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RB1X0SD40S0AMS0Z | PHT
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Housing with circular connector M12 x 1, IP 67
M12 x 1
Ø 27
(1.06)
With accuracy H
0.5 %
64 (2.52)
0.25 %
84 (3.31)
Clamp
Ø d
Ø D
Design
Ø D
Ø d
Tri-Clamp
1 ½"
50
43.5
(1.97)
(1.71)
2"
64
56.6
(2.52)
(2.23)
DIN 32676
DN 32
50
43.5
(1.97)
(1.71)
DN 40
50
43.5
(1.97)
(1.71)
DN 50
64
56.6
(2.52)
(2.23)
ISO 2852
DN 33.7 50
43.5
(1.97)
(1.71)
DN 38
50
43.5
(1.97)
(1.71)
DN 40
64
56.6
(2.52)
(2.23)
DN 51
64
56.6
(2.52)
(2.23)
4
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - PHT-RB1X0SD40S0AMS0Z

ManufacturerPart #DatasheetDescription
logo
SICK AG
PHT-RB1X0SD40S0AFT0Z SICK-PHT-RB1X0SD40S0AFT0Z Datasheet
437Kb / 6P
   PRESSURE SENSORS
PHT-RB1X0SD40S0ALS0Z SICK-PHT-RB1X0SD40S0ALS0Z Datasheet
432Kb / 5P
   PRESSURE SENSORS
More results

Similar Description - PHT-RB1X0SD40S0AMS0Z

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com