Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6039291 Datasheet(PDF) 4 Page - SICK AG

Part # 6039291
Description  PRESSURE SENSORS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

6039291 Datasheet(HTML) 4 Page - SICK AG

  6039291 Datasheet HTML 1Page - SICK AG 6039291 Datasheet HTML 2Page - SICK AG 6039291 Datasheet HTML 3Page - SICK AG 6039291 Datasheet HTML 4Page - SICK AG 6039291 Datasheet HTML 5Page - SICK AG 6039291 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
A
B
C
D
E
F
H
I
J
K
L
M
N
O
P
Q
R
S
T
PHT-RBX25ST10S0AMS0Z | PHT
PRESSURE SENSORS
Dimensional drawing (Dimensions in mm (inch))
Housing with circular connector M12 x 1, IP 67
M12 x 1
Ø 27
(1.06)
With accuracy H
0.5 %
64 (2.52)
0.25 %
84 (3.31)
Clamp
Ø d
Ø D
Design
Ø D
Ø d
Tri-Clamp
1 ½"
50
43.5
(1.97)
(1.71)
2"
64
56.6
(2.52)
(2.23)
DIN 32676
DN 32
50
43.5
(1.97)
(1.71)
DN 40
50
43.5
(1.97)
(1.71)
DN 50
64
56.6
(2.52)
(2.23)
ISO 2852
DN 33.7 50
43.5
(1.97)
(1.71)
DN 38
50
43.5
(1.97)
(1.71)
DN 40
64
56.6
(2.52)
(2.23)
DN 51
64
56.6
(2.52)
(2.23)
4
FLUID SENSORS | SICK
Online data sheet | 2017-01-16 15:56:27
Subject to change without notice


Similar Part No. - 6039291

ManufacturerPart #DatasheetDescription
logo
SICK AG
6039292 SICK-6039292 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039293 SICK-6039293 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039294 SICK-6039294 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039295 SICK-6039295 Datasheet
441Kb / 6P
   PRESSURE SENSORS
6039296 SICK-6039296 Datasheet
441Kb / 6P
   PRESSURE SENSORS
More results

Similar Description - 6039291

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX2300D MOTOROLA-MPX2300D Datasheet
106Kb / 4P
   PRESSURE SENSORS
logo
SICK AG
PAC50-BCA SICK-PAC50-BCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-BGA SICK-PAC50-BGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PAC50-CCA SICK-PAC50-CCA Datasheet
562Kb / 6P
   PRESSURE SENSORS
PAC50-CCD SICK-PAC50-CCD Datasheet
682Kb / 6P
   PRESSURE SENSORS
PAC50-CGA SICK-PAC50-CGA Datasheet
563Kb / 6P
   PRESSURE SENSORS
PBS-RB6X0SG1SSNAMA0Z SICK-PBS-RB6X0SG1SSNAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB010SG2SS0AMA0Z SICK-PBS-RB010SG2SS0AMA0Z Datasheet
820Kb / 6P
   PRESSURE SENSORS
PBS-RB016SGESSSCMA0Z SICK-PBS-RB016SGESSSCMA0Z Datasheet
808Kb / 6P
   PRESSURE SENSORS
PBS-RB400SG1SSFAMA0Z SICK-PBS-RB400SG1SSFAMA0Z Datasheet
807Kb / 6P
   PRESSURE SENSORS
PBS-RB040SG1SSNBMA0Z SICK-PBS-RB040SG1SSNBMA0Z Datasheet
808Kb / 7P
   PRESSURE SENSORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com