Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OPA847 Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation. Click here to check the latest version.
Part # OPA847
Description  Wideband, Ultra-Low Noise, Voltage-Feedback
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA847 Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA847 Datasheet HTML 4Page - Burr-Brown (TI) OPA847 Datasheet HTML 5Page - Burr-Brown (TI) OPA847 Datasheet HTML 6Page - Burr-Brown (TI) OPA847 Datasheet HTML 7Page - Burr-Brown (TI) OPA847 Datasheet HTML 8Page - Burr-Brown (TI) OPA847 Datasheet HTML 9Page - Burr-Brown (TI) OPA847 Datasheet HTML 10Page - Burr-Brown (TI) OPA847 Datasheet HTML 11Page - Burr-Brown (TI) OPA847 Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
OPA847
8
SBOS251C
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = 25°C, G = +20V/V, RG = 39.2Ω, and RL = 100Ω, unless otherwise noted.
0.25
0.20
0.15
0.10
0.05
0
–0.05
–0.10
–0.15
–0.20
–0.25
SETTLING TIME
Time (ns)
0
5
10
15
20
25
30
35
40
G = +20V/V
R
L = 100Ω
V
O = 2V Step
See Figure 1
89
86
83
80
77
74
71
PHOTODIODE TRANSIMPEDANCE
FREQUENCY RESPONSE
Frequency (MHz)
1
10
100
C
D = 100pF
R
F = 20kΩ
C
F Adjusted
C
D = 50pF
C
D = 20pF
C
D = 10pF
[20log 20k
Ω]
20k
OPA847
20k
V
O
C
DIODE
[C
D]
C
F
I
O
0.01
µF
0.2
0.1
0
–0.1
–0.2
25.0
12.5
0
–12.5
–25.0
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
100 x I
OS
V
IO
I
b
100
90
80
70
60
50
20
18
16
14
12
10
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
Sourcing Output Current
Supply Current
Sinking Output Current
5
4
3
2
1
0
–1
–2
–3
–4
–5
COMMON-MODE INPUT RANGE AND OUTPUT SWING
vs SUPPLY VOLTAGE
Supply Voltage (
±V)
Positive Output
R
L = 100Ω
Negative Output
Negative Input
Positive Input
107
106
105
104
103
102
COMMON-MODE AND DIFFERENTIAL
INPUT IMPEDANCE
Frequency (Hz)
102
104
105
103
106
107
108
Common-Mode
(2.3M
Ω, DC)
Differential
(2.7k
Ω, DC)


Similar Part No. - OPA847

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847 TI1-OPA847 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847 TI-OPA847 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847 TI1-OPA847 Datasheet
707Kb / 30P
[Old version datasheet]   Dual, Wideband, Low-Noise, Voltage-Feedback Operational Amplifier
OPA847ID TI-OPA847ID Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVR TI-OPA847IDBVR Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
More results

Similar Description - OPA847

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA847IDRG4 TI-OPA847IDRG4 Datasheet
867Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
OPA847IDBVTG4 TI1-OPA847IDBVTG4 Datasheet
884Kb / 30P
[Old version datasheet]   Wideband, Ultra-Low Noise, Voltage-Feedback OPERATIONAL AMPLIFIER with Shutdown
logo
Burr-Brown (TI)
OPA686 BURR-BROWN-OPA686 Datasheet
158Kb / 15P
   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA846 TI-OPA846 Datasheet
390Kb / 21P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
CLC426 NSC-CLC426 Datasheet
1,005Kb / 8P
   Wideband, Low-Noise, Voltage Feedback Op Amp
logo
Texas Instruments
OPA846-DIE TI1-OPA846-DIE Datasheet
68Kb / 5P
[Old version datasheet]   WIDEBAND, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA846 TI1-OPA846_15 Datasheet
866Kb / 29P
[Old version datasheet]   Wideband, Low-Noise, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA686 TI1-OPA686 Datasheet
170Kb / 16P
[Old version datasheet]   Wideband, Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA687 BURR-BROWN-OPA687 Datasheet
172Kb / 16P
   Wideband, Ultra-Low Noise, Voltage Feedback OPERATIONAL AMPLIFIER With Power Down
logo
National Semiconductor ...
OPA2890 NSC-OPA2890 Datasheet
1Mb / 38P
   Low-Power, Wideband, Voltage-Feedback Low-Power, Wideband, Voltage-Feedback
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com