Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D2-74083-LR Datasheet(PDF) 8 Page - Intersil Corporation

Part # D2-74083-LR
Description  Powered Speaker Systems
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

D2-74083-LR Datasheet(HTML) 8 Page - Intersil Corporation

Back Button D2-74083-LR Datasheet HTML 4Page - Intersil Corporation D2-74083-LR Datasheet HTML 5Page - Intersil Corporation D2-74083-LR Datasheet HTML 6Page - Intersil Corporation D2-74083-LR Datasheet HTML 7Page - Intersil Corporation D2-74083-LR Datasheet HTML 8Page - Intersil Corporation D2-74083-LR Datasheet HTML 9Page - Intersil Corporation D2-74083-LR Datasheet HTML 10Page - Intersil Corporation D2-74083-LR Datasheet HTML 11Page - Intersil Corporation D2-74083-LR Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
D2-7xx83
8
FN7838.3
April 28, 2016
Submit Document Feedback
Two-Wire (I2C) Interface Port Timing
(Figure 2) TA = +25°C, CVDD = PLLVDD = 1.8V ±5%, RVDD = PWMVDD = 3.3V ±10%. All
grounds at 0.0V. All voltages referenced to ground.
SYMBOL
DESCRIPTION
MIN
(Note 11)
TYPICAL
MAX
(Note 11)UNIT
fSCL
SCL Frequency
100
kHz
tbuf
Bus Free Time Between Transmissions
4.7
µs
twlowSCLx
SCL Clock Low
4.7
µs
twhighSCLx
SCL Clock High
4.0
µs
tsSTA
Set-Up Time For a (Repeated) Start
4.7
µs
thSTA
Start Condition Hold Time
4.0
µs
thSDAx
SDA Hold From SCL Falling (Note 13)
1
µs
tsSDAx
SDA Set-Up Time to SCL Rising
250
ns
tdSDAx
SDA Output Delay Time From SCL Falling (Note 14)3.5
µs
tr
Rise Time of Both SDA and SCL (Note 14)1
µs
tf
Fall Time of Both SDA and SCL (Note 14)
300
ns
tsSTO
Set-Up Time For a Stop Condition
4.7
µs
NOTE:
13. Data is clocked in as valid on next XTALI rising edge after SCL goes low.
14. Limits established by characterization and not production tested.
FIGURE 2. I2C INTERFACE TIMING
twhighSCLx
twlowSCLx
SCLx
tsSTA
SDAx (INPUT)
SDAx (OUTPUT)
thSDAx
tsSDAx
tBUF
tsSTO
tF
tR
thSTAx
tdSDAx


Similar Part No. - D2-74083-LR

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
D2-74083-LR INTERSIL-D2-74083-LR Datasheet
713Kb / 33P
   Intelligent Digital Amplifier and Sound Processor
September 29, 2011
More results

Similar Description - D2-74083-LR

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
AMS2930AN-X ADMOS-AMS2930AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS3100-2.5AM ADMOS-AMS3100-2.5AM Datasheet
70Kb / 6P
   Battery Powered Systems
AMS2931AN-X ADMOS-AMS2931AN-X Datasheet
100Kb / 9P
   Battery Powered Systems
AMS116N-X ADMOS-AMS116N-X Datasheet
117Kb / 7P
   Battery Powered Systems
AMS3100-1.2AM ADMOS-AMS3100-1.2AM Datasheet
77Kb / 6P
   Battery Powered Systems
AMS2950ACN-X ADMOS-AMS2950ACN-X Datasheet
148Kb / 14P
   Battery Powered Systems
LP2950ACN-X ADMOS-LP2950ACN-X Datasheet
142Kb / 14P
   Battery Powered Systems
AMS285-2.5AN ADMOS-AMS285-2.5AN Datasheet
172Kb / 8P
   Battery Powered Systems
logo
Silicon Laboratories
TS1108 SILABS-TS1108 Datasheet
1Mb / 23P
   Portable/Battery-Powered Systems
logo
Rohm
BD71815AGW ROHM-BD71815AGW Datasheet
2Mb / 107P
   System PMIC for Battery Powered Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com