Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL1561IRZ-T13 Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL1561IRZ-T13
Description  3 pin serial port interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1561IRZ-T13 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL1561IRZ-T13 Datasheet HTML 5Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 6Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 7Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 8Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 9Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 10Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 11Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 12Page - Intersil Corporation ISL1561IRZ-T13 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
ISL1561
10
FN7941.1
February 26, 2013
General Description
The ISL1561 is a class G amplifier designed to reduce power
consumption in ADSL2+ and VDSL2 applications compared to
class AB. With the high PAR used for xDSL signals, a supply
voltage of +14V can be used for the majority of the small
amplitude cycles while boosting to a supply voltage of +28V can
be used for the few high amplitude cycles.
Digital Interface
A 12-bit serial port interface is used to program ISL1561. The
first bit defines the write (1’b1) and read (1’b0) operation to the
register. The following 3-bit calls the registers. The last 8-bit
programs the registers. Default start-up for ISL1561 is in disable
mode with boost and CS pins having internal pull ups and SCLK
and SDATA pins having internal pull downs. ISL1561 can only be
programmed through the SPI when CS is set low.
Register Listing
ADDRESS
FUNCTION
BIT
DESCRIPTION
3’h3
Setting of quiescent current of port AB
[7]
Boost disable
[6:0]
Program quiescent current of port AB.
3’h7
Setting of quiescent current of port CD
[7]
Boost disable
[6:0]
Program quiescent current of port CD.
FIGURE 27. 12 BITS SERIAL ADDRESSING DIAGRAM
FIGURE 28. 12 BITS SERIAL ADDRESSING DIAGRAM
CS
12
3
0
Z-HI
Z-HI
SCLK
SDATA
D[0]
ADDR[0:2]
CURRENT SETTING VALUE
D[1] D[2] D[3] D[4] D[5] D[6] D[7]
W/R
BN
B(N-1)
B(N-2)
B1
B0
SCLK
SDATA
LSB
MSB
t
tSD
tHD
ttr
tw
LOAD LSB FIRST, MSB LAST
tf
CS
tSC
tHC
tSC


Similar Part No. - ISL1561IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL1561IRZ-T13 INTERSIL-ISL1561IRZ-T13 Datasheet
459Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
February 26, 2013
logo
Renesas Technology Corp
ISL1561IRZ-T13 RENESAS-ISL1561IRZ-T13 Datasheet
667Kb / 13P
   Fixed Gain Dual Port Class-G Differential xDSL Line Driver
More results

Similar Description - ISL1561IRZ-T13

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TUSB2036 TI1-TUSB2036_12 Datasheet
662Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
TUSB2036 TI-TUSB2036 Datasheet
282Kb / 20P
[Old version datasheet]   2/3-PORT HUB FOR THE UNIVERSAL SERIAL BUS WITH OPTIONAL SERIAL EEPROM INTERFACE
logo
Assmann Electronics Inc...
AK231-2-R ASSMANN-AK231-2-R Datasheet
108Kb / 1P
   Serial Connection Cable for 9 Pin Interface
AK138-2-R ASSMANN-AK138-2-R Datasheet
261Kb / 1P
   SERIAL EXTENSION CABLE FOR 36-PIN INTERFACE
logo
ON Semiconductor
LE24CBK23MC ONSEMI-LE24CBK23MC Datasheet
1Mb / 21P
   Dual port EEPROM Two Wire Serial Interface
July, 2013
logo
NXP Semiconductors
PDI1394P11A PHILIPS-PDI1394P11A Datasheet
135Kb / 20P
   3-port physical layer interface
1999 Mar 10
PDI1394P22 PHILIPS-PDI1394P22 Datasheet
163Kb / 30P
   3-port physical layer interface
1999 Jul 09
PDI1394P11 PHILIPS-PDI1394P11 Datasheet
148Kb / 20P
   3-port physical layer interface
1999 Apr 09
PDI1394P21 PHILIPS-PDI1394P21 Datasheet
148Kb / 28P
   3-port physical layer interface
1999 Jul 09
logo
Texas Instruments
DAC8043 TI-DAC8043 Datasheet
281Kb / 11P
[Old version datasheet]   12-BIT ACCURACY IN 8-PIN SOIC, FAST 3-WIRE SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com