Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SED1180 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SED1180
Description  CMOS LCD 64-SEGMENT DRIVER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SED1180 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SED1180 Datasheet HTML 1Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 2Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 3Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 4Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 5Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 6Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 7Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 8Page - List of Unclassifed Manufacturers SED1180 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
428
SED1180
s ABSOLUTE MAXIMUM RATINGS
Parameter
Symbol
Ratings
Unit
Supply voltage (1)
VSS
–7.0 to +0.3
V
Supply voltage (2)
VSSH
–28.0 to +0.3
V
V2, V3
Input voltage
VI
VSS – 0.3 to +0.3
V
Operating temperature
Topr
–20 to +75
°C
Storage temperature
Tstg
–55 to +125
°C
Soldering temperature time
Tsol
260
°C, 10 sec (at lead)
Notes:
1. All voltage measurements are based on VDD = 0V.
2. V2 and V3 must always satisfy the condition VDD
≥ V2, V3 ≥ VSSH.
3. Exceeding the absolute maximum ratings can result in permanent damage to the device. Functional operation under these
conditions is not implied.
4. Moisture resistance of flat packages can be reduced by the soldering process. Care should be taken to avoid thermally
stressing the package during board assembly.


Similar Part No. - SED1180

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SED1181DLA ETC-SED1181DLA Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1181F ETC-SED1181F Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
SED1181FLA ETC-SED1181FLA Datasheet
164Kb / 16P
   CMOS DOT MATRIX LCD CONTROLLER DRIVER
More results

Similar Description - SED1180

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
CP2400-GQ SILABS-CP2400-GQ Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
CP2400 SILABS-CP2400 Datasheet
768Kb / 110P
   128/64 SEGMENT LCD DRIVER
logo
List of Unclassifed Man...
SED1606D ETC1-SED1606D Datasheet
269Kb / 13P
   CMOS LCD SEGMENT DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
148Kb / 11P
   32-Segment CMOS LCD Driver
1995 - 2002
logo
Motorola, Inc
MC141563 MOTOROLA-MC141563 Datasheet
226Kb / 15P
   LCD Segment (Column) Driver CMOS
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
AY0438-I MICROCHIP-AY0438-I Datasheet
154Kb / 11P
   32-Segment CMOS LCD Driver
1995-2002
logo
Motorola, Inc
MC141531 MOTOROLA-MC141531 Datasheet
384Kb / 25P
   LCD Segment / Common Driver CMOS
logo
List of Unclassifed Man...
SED1600 ETC1-SED1600 Datasheet
53Kb / 10P
   CMOS 80-SEGMENT LCD DRIVER
logo
Microchip Technology
AY0438 MICROCHIP-AY0438 Datasheet
84Kb / 11P
   32-Segment CMOS LCD Driver
03/01/02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com