Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL9238 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL9238
Description  Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9238 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL9238 Datasheet HTML 1Page - Intersil Corporation ISL9238 Datasheet HTML 2Page - Intersil Corporation ISL9238 Datasheet HTML 3Page - Intersil Corporation ISL9238 Datasheet HTML 4Page - Intersil Corporation ISL9238 Datasheet HTML 5Page - Intersil Corporation ISL9238 Datasheet HTML 6Page - Intersil Corporation ISL9238 Datasheet HTML 7Page - Intersil Corporation ISL9238 Datasheet HTML 8Page - Intersil Corporation ISL9238 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 45 page
background image
ISL9238, ISL9238A
5
FN8877.2
November 9, 2016
Submit Document Feedback
13
ASGATE
Gate drive output to the P-channel adapter FET. The use of ASGATE FETs is optional, if it is not used, leave ASGATE pin
floating.
When ASGATE turns on, it is clamped 10V below ADP pin voltage.
14
CSIN
Adapter current sense “-” input.
15
CSIP
Adapter current sense “+” input. The modulator also uses this for sensing input voltage in forward mode and output
voltage in reverse mode.
16
ADP
Adapter input. Used to sense adapter voltage. When adapter voltage is higher than 3.2V, AGATE is turned on.
ADP pin is also one of the two internal low power LDO inputs.
17
DCIN
Input of an internal LDO providing power to the IC. Connect a diode OR from adapter and system outputs. Bypass this
pin with an MLCC capacitor.
18
VDD
Output of the internal LDO; provide the bias power for the internal analog and digital circuit. Connect a 1µF ceramic
capacitor to GND.
If VDD is pulled below 2V more than 1ms, ISL9238 and ISL9238A will reset all the SMBus register values to the default.
19
ACIN
Adapter voltage sense. Use a resistor divider externally to detect adapter voltage. The adapter voltage is valid if the ACIN
pin voltage is greater than 0.8V.
20
OTGEN/
CMIN
OTG function enable pin or stand-alone comparator input pin.
Pull high to enable OTG function. The OTG function is enabled when the control register is written to select OTG mode
and when the battery voltage is above 5.2V.
When OTG function is not selected, this pin is the general purpose stand-alone comparator input.
21
SDA
SMBus data I/O. Connect to the data line from the host controller or smart battery. Connect a 10k pull-up resistor
according to SMBus specification.
22
SCL
SMBus clock I/O. Connect to the clock line from the host controller or smart battery. Connect a 10k pull-up resistor
according to SMBus specification.
23
PROCHOT#
Open-drain output. Pulled low when ACHOT, DCHOT or Low_VSYS is detected. IMVP-8 compliant. SMBus command to
pull low with OTGCURRENT, BAGONE, ACOK, and general purpose comparator (refer to Table 15 on page 28).
24
ACOK
Adapter presence indicator output to indicate the adapter is ready.
25
BATGONE
Input pin to the IC. Logic high on this pin indicates the battery has been removed. Logic low on this pin indicates the
battery is present.
BATGONE pin logic high will force BGATE FET to turn-off in any circumstances.
26
OTGPG/
CMOUT
Open-drain output. OTG function output power-good indicator or the stand-alone comparator output.
When OTG function is enabled, low if OTG output voltage is not within regulation window.
When OTG function is not used, it is the general purpose comparator output.
27
PROG
A resistor from PROG pin to GND sets the following configurations:
1. Default number of the battery cells in series, 1-, 2-, 3-, or 4-cell.
2. Default switching frequency 733kHz or 1MHz.
3. Default adapter current limit value 0.476A or 1.5A.
4. Autonomous Charging mode enable or disable
Refer to Table 23 for programming options.
28
COMP
Error amplifier output. Connect a compensation network externally from COMP to GND.
29
AMON/
BMON
Adapter current, OTG output current, battery charging current, or battery discharging current monitor output.
VAMON = 18x(VCSIP-VCSIN) for adapter current monitor
VOTGCMON = 18x(VCSIN-VCSIP) for OTG output current monitor
VBMON_DISCHARGING = 18x(VCSON-VCSOP) for battery discharging current monitor
VBMON_CHARGING = 36x(VCSOP-VCSON) for battery charging current monitor
30
PSYS
Current source output that indicates the whole platform power consumption.
PSYS gain = 1.44µA/W (default) or 0.723µA/W
31
VBAT
Battery voltage sensing. Used for trickle charging detection and Ideal Diode mode control. Connect to >1µF ceramic
capacitor from VBAT pin to GND.
VBAT pin is also one of the two internal low power LDO inputs.
32
BGATE
Gate drive output to the P-channel FET connecting the system and the battery. This pin can go high to disconnect the
battery, low to connect the battery or operate in a Linear mode to regulate trickle charge current during trickle charge.
When BGATE turns on, it is clamped 10V below VSYS pin voltage.
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION


Similar Part No. - ISL9238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
ISL9238 RENESAS-ISL9238 Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238AHRTZ RENESAS-ISL9238AHRTZ Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238AIRTZ RENESAS-ISL9238AIRTZ Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
More results

Similar Description - ISL9238

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9238 RENESAS-ISL9238 Datasheet
192Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 19, 2019
logo
Intersil Corporation
ISL9237 INTERSIL-ISL9237 Datasheet
864Kb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
July 7, 2016
logo
Renesas Technology Corp
ISL9237 RENESAS-ISL9237 Datasheet
1Mb / 40P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
ISL9238B RENESAS-ISL9238B Datasheet
213Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Jul 9, 2019
ISL9238A RENESAS-ISL9238A Datasheet
2Mb / 45P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Nov 30, 2017
ISL9238C RENESAS-ISL9238C Datasheet
82Kb / 2P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface and USB OTG
Aug 19, 2021
ISL9538C RENESAS-ISL9538C Datasheet
169Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Aug 19, 2021
ISL9538B RENESAS-ISL9538B Datasheet
214Kb / 3P
   Buck-Boost Narrow VDC Battery Charger with SMBus Interface
Oct 24, 2019
ISL95538B RENESAS-ISL95538B Datasheet
277Kb / 3P
   Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
ISL95538B RENESAS-ISL95538B_V01 Datasheet
209Kb / 3P
   Buck-Boost Narrow VDC Battery Charger for Power Bank Application with SMBus Interface and USB OTG
Jan 23, 2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com