Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL15100 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL15100
Description  Single Port, PLC Differential Line Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL15100 Datasheet(HTML) 9 Page - Intersil Corporation

  ISL15100 Datasheet HTML 1Page - Intersil Corporation ISL15100 Datasheet HTML 2Page - Intersil Corporation ISL15100 Datasheet HTML 3Page - Intersil Corporation ISL15100 Datasheet HTML 4Page - Intersil Corporation ISL15100 Datasheet HTML 5Page - Intersil Corporation ISL15100 Datasheet HTML 6Page - Intersil Corporation ISL15100 Datasheet HTML 7Page - Intersil Corporation ISL15100 Datasheet HTML 8Page - Intersil Corporation ISL15100 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
ISL15100
9
FN8577.0
September 19, 2013
Package Outline Drawing
L16.4x4H
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 1/12
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to ASME Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
SIDE VIEW
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
SEE DETAIL "X"
0.30 ±0.05
BASE PLANE
PIN #1
5
8
( 3 . 6 TYP )
(12x0.65)
(16x0.30)
0 . 20 REF
+0.03/-0.02
C
5
4
0.10
C
M
INDEX AREA
(4X)
0.15
PIN 1
6
4.00
12
9
A
B
4
0.65
12X
13
4X 1.95
16
1
6
C
SEATING PLANE
0.10 C
AB
16x 0.550±0.05
2.40
(
2.40)
0.90±0.10
(16x0.75)
2.40
INDEX AREA


Similar Part No. - ISL15100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100 RENESAS-ISL15100 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15100 RENESAS-ISL15100 Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
ISL15100EVAL1Z RENESAS-ISL15100EVAL1Z Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15100IRZ RENESAS-ISL15100IRZ Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
More results

Similar Description - ISL15100

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL15100 RENESAS-ISL15100 Datasheet
597Kb / 9P
   Single Port, PLC Differential Line Driver
September 19, 2013
ISL15102 RENESAS-ISL15102 Datasheet
903Kb / 16P
   Single Port, PLC Differential Line Driver
May 3, 2018
ISL15102A RENESAS-ISL15102A Datasheet
820Kb / 16P
   Single Port, PLC Differential Line Driver
Dec 8, 2017
logo
Texas Instruments
THS6212 TI1-THS6212_18 Datasheet
1Mb / 51P
[Old version datasheet]   Differential Broadband PLC Line Driver Amplifier
logo
Intersil Corporation
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL15110 INTERSIL-ISL15110 Datasheet
141Kb / 2P
   PLC MIMO Line Driver
logo
Renesas Technology Corp
ISL15110 RENESAS-ISL15110 Datasheet
1Mb / 17P
   PLC MIMO Line Driver
Apr 6, 2018
logo
Fairchild Semiconductor
MM88C29 FAIRCHILD-MM88C29 Datasheet
101Kb / 8P
   Quad Single-Ended Line Driver . Dual Differential Line Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com