Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A121K11CWABP Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A121K11CWABP
Description  Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A121K11CWABP Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A121K11CWABP Datasheet HTML 1Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 2Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 3Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 4Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 5Page - List of Unclassifed Manufacturers A121K11CWABP Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MINIATURE SWITCHES
38
Litho in U.S.A GG
Ordering Table — Standard Toggle Switches
HOW TO ORDER YOUR DESIGN
(Bold Face Type indicates items normally in Distributor Stock)
Following the table from left to right, the designer is able to specify
the options wanted. The options are described and illustrated on
pages 24-31. Refer to page 57 for mounting hardware.
Toggle Switch Selection Guide
Toggle
Poles
Switch
and
Lever
Lever
Bushing
Terminal
Contact
Series
Throw
Circuit
Options
Finish
Options
Type
Material
Other
+
Poles and Throw
Circuits
Lever Options and Finishes
Bushing Options
Terminal Options
Contact Material
Other Option
*Momentary Contact
Available on S, M and P3 only.
Add .070 to lever length when using these bushings.
Available with S, M, L0, L1, L2, L3, L4 lever options. Consult factory for availability.
Standard on P1, P3, P4 and K1 lever options. Available on all other levers except T & T1.
These circuits are NOT available with the following 3 and 4 pole options: A, AV, AV2, V30, V40,
V60 and V70.
1 and 2 pole only.
Epoxy seal standard on all terminal options.
++
+
++
+
+
EXAMPLES:
A232L01YW1B = DPDT toggle switch with an ON-ON-ON circuit, .840" long lever in a bright chrome finish, .350 threaded bushing, .964" long
wire wrap terminals, gold/brass contacts and epoxy sealed terminals.
Series
A
No.
SPDT
DPDT
3PDT
4PDT
Code
1
2
3
4
POS. "C"
ON
OFF
ON
ON NONE
ON
ON NONE
ON*
ON* OFF
ON*
ON
OFF
ON*
ON
ON
ON
ON
ON
ON*
NONE ON
ON*
ON*
ON
ON*
NONE ON
ON
Code
21
23
26
27
31
32
33
34
35
53
Type
Lever Lock
K Bushing Only
.840 Bat
.640 Bat
.550 Bat
Long Mod Cap
Short Mod Cap
.200 Bat
.840 Flat
.450 Flat
.250 Flat
.410 Bat
.468 Large
.687 Large
Code
K1
L0
L1
L2
L3
L4
M
P1
P3
P4
S
T1
T
Type
Right Angle PC
Vertical PC
.100 Spacing
Vertical PC
.150 Spacing
Printed Circuit
Terminals
Right Angle
Same Throw
Right Angle
Opposite Throw
PC & Support
PC & Support
PC & Support
PC & Support
.750 Wire Wrap
.964 Wire Wrap
.425 Wire Wrap
1.062 Wire Wrap
Solder Lugs
Quick Connect
Type
Splashproof Lever
& Bushing Seal
Splashproof
Lever Seal Only
.280 Threaded
.280 Smooth
.350 Flatted
With Shoulder
.350 Keyway
With Shoulder
Locking K1
Lever Only
15/32 Dia.
Splashproof Lever
15/32 &
Panel Seal
15/32 Splashproof
Lever
Seal Only
.350 Threaded
.437 Threaded
(With P3 Only)
.350 Smooth
Code
CW
CX
D
D9
H
H3
K
T
TW
TX
Y
Y5
Y9
Code
A
AV
AV2
C
R
R2
V30
V40
V60
V70
W
W1
W3
W4
Z
Z3
Type
Gold/Nickel/Brass
Gold/Nickel/Silver
Coin Silver
Code
B
G
Q
K
L
M
Type
Epoxy Sealed
Terminals
Anti-Rotation
Anti-Jam
Bushing
Available only with L3 and L4 levers.
Available in 1 pole only.
See page 58 for construction detail, wiring and electrical diagrams.
1, 2 and 3 pole only.
Available on T or T1 lever options only.
Available on T, TW, and TX bushing options. (Bright chrome only.)
Not available on K1 lever.
Same as B, G and Q respectively except terminals brass with tin nickel alloy over nickel plate.
Consult plant for availability.
To determine a part number select the options desired and fill in
the boxes in the selection guides illustrated below.
Finish
Bright Chrome
Stain Chrome
Black
Black Nylon
Red Nylon
White Nylon
Code
1
2
3
4
5
6
Code
P
SPECIFICATIONS:
Contact Ratings —
Letter codes G and Q — 6 amp at 125 VAC, 3 amp @ 250 VAC (U.L.
recognized, CSA certified
) or 6 amp at 28 VDC resistive.
Letter codes B and G – 0.5. volt-amp (VA) maximum @ 28 V
maximum (AC or DC).
Life Under Load — 60,000 make-and-break cycles — resistive
load only.
Initial Contact Resistance — 10 milliohms maximum 3 VDC, 100
ma for both silver and gold plated contacts.
Insulation Resistance — 1 & 2 pole —1,000 megohms, min.
3 & 4 pole —1,000 megohms, min.
Dielectric Strength — 1,000 volts rms at sea level.
Bushing Strength — 12 pound-inches without physical damage to
switch.
Weight (including hardware) — SP 0.19 oz.; DP 0.23 oz.; 3-pole
0.28 oz.; 4-pole 0.32 oz.
MATERIALS:
Base (body) — 1- and 2-pole —Diallyl Phthalate (DAP).
3- and 4-pole — high strength phenolic.
Lever (toggle) — Brass, chrome plated.
Flat Lever — Brass, satin chrome finish.
Locking lever cap — Anodized aluminum.
Bushing — Brass, nickel plated.
Clamp (frame) — Stainless steel.
Support brackets — Steel, tin plated.
Switching Contacts and Rockers —
Letter Code B — gold/nickel/brass
Letter Code G — gold/nickel/silver
Letter Code Q — Coin silver
Center Terminal
Letter Codes B, G — Gold flash/nickel/brass
Letter Code Q — Silver plated brass.
Hardware — See page 55-57.


Similar Part No. - A121K11CWABP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
A121K15C0GF5TAA VISHAY-A121K15C0GF5TAA Datasheet
102Kb / 8P
   Axial Leaded Multilayer Ceramic Capacitors for General Purpose
Revision: 16-Aug-12
More results

Similar Description - A121K11CWABP

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WT121L01D1AB ETC2-WT121L01D1AB Datasheet
234Kb / 4P
   Letter codes G and Q ??6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive
A121S1YZQ ETC2-A121S1YZQ Datasheet
1Mb / 12P
   Letter codes G,L and Q,M - 6 amp at 125 VAC, 3 amp @ 250 VAC or 6 amp at 28 VDC resistive.
logo
JMK Inc.
EF-0772-6B JMK-EF-0772-6B Datasheet
243Kb / 1P
   Operating Voltage= 115/240 Vac OperatingCurrentMax= 6 amp
logo
American Zettler, Inc.
SGC-4F AZETTLER-SGC-4F Datasheet
73Kb / 2P
   SOLID STATE RELAY 2 AMP 250 VAC
logo
JMK Inc.
KK-0851-35 JMK-KK-0851-35 Datasheet
114Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 35 amp
EA-1013-12A JMK-EA-1013-12A Datasheet
32Kb / 1P
   Operating Voltage= 115/250 Vac OperatingCurrentMax= 12 amp
KK-0851-15 JMK-KK-0851-15 Datasheet
107Kb / 1P
   Operating Voltage= 250/480 Vac OperatingCurrentMax= 15,25,35 amp
logo
Schneider Electric
8501XDO60V62 SCHNEIDER-8501XDO60V62 Datasheet
106Kb / 2P
   NEMA Control Relay, Type X, machine tool, 10A resistive at 600 VAC, 6 normally open contacts, 115/125 VDC coil
logo
List of Unclassifed Man...
S312 ETC1-S312 Datasheet
23Kb / 1P
   3 Amp 120, 240 Vac AC Output
logo
JMK Inc.
AA-0221-20B JMK-AA-0221-20B Datasheet
227Kb / 1P
   Operating voltage = 115/250 Vac Operating current = 20 Amp
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com