Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C535A-WJN-CU0W0231 Datasheet(PDF) 2 Page - Cree, Inc

Part # C535A-WJN-CU0W0231
Description  5mm Round LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C535A-WJN-CU0W0231 Datasheet(HTML) 2 Page - Cree, Inc

  C535A-WJN-CU0W0231 Datasheet HTML 1Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 2Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 3Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 4Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 5Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 6Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 7Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 8Page - Cree, Inc C535A-WJN-CU0W0231 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Copyright © 2010 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree, the Cree logo and XLamp are registered trademarks
of Cree, Inc.
2
Copyright © 2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are registered trademarks of Cree, Inc.
2
Cree 5-mm Round LED
C535A-WJN
ABSOLUTE MAXIMUM RATINGS (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Forward Current
I
F
25
mA
Peak Forward Current Note
I
FP
100
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
100
mW
Operation Temperature
T
opr
-40 ~ +95
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Lead Soldering Temperature
T
sol
Max. 260°C for 3 sec. max.
(3 mm from the base of the epoxy bulb)
Note: Pulse width ≤0.1 msec, duty ≤1/10.
TYPICAL ELECTRICAL & OPTICAL CHARACTERISTICS (T
A = 25°C)
Characteristics
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
V
F
I
F = 20 mA
V
3.2
4.0
Reverse Current
I
R
V
R = 5 V
μA
100
Luminous Intensity
I
V
I
F = 20 mA
mcd
1100
2750
Chromaticity
Coordinates
x
I
F = 20 mA
0.2895
y
I
F = 20 mA
0.2905
50% Power Angle
2θ½
I
F = 20 mA
deg
110


Similar Part No. - C535A-WJN-CU0W0231

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C535A-WJN-CU0W0231 CREE-C535A-WJN-CU0W0231 Datasheet
944Kb / 14P
   Cree짰 5mm Round LED
More results

Similar Description - C535A-WJN-CU0W0231

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C512A MARKTECH-C512A Datasheet
979Kb / 10P
   5mm Round LED
logo
Cree, Inc
C535A-WJN CREE-C535A-WJN Datasheet
339Kb / 7P
   5mm Round LED
logo
Marktech Corporate
C503B_WAN MARKTECH-C503B_WAN Datasheet
1Mb / 10P
   5mm Round LED
C503B_WAN MARKTECH-C503B_WAN_15 Datasheet
1Mb / 10P
   5mm Round LED
C535A MARKTECH-C535A_15 Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C503D-WAN CREE-C503D-WAN Datasheet
701Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C535A MARKTECH-C535A Datasheet
509Kb / 9P
   5mm Round LED
logo
Cree, Inc
C512T-WNS CREE-C512T-WNS_11 Datasheet
928Kb / 9P
   5mm Round LED
logo
Marktech Corporate
C512A MARKTECH-C512A_15 Datasheet
979Kb / 10P
   5mm Round LED
logo
List of Unclassifed Man...
QBL8IW35D ETC1-QBL8IW35D Datasheet
570Kb / 8P
   5mm Round LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com