Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGA644PA Datasheet(PDF) 3 Page - ATMEL Corporation

Part # MEGA644PA
Description  Single cycle instructions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA644PA Datasheet(HTML) 3 Page - ATMEL Corporation

  MEGA644PA Datasheet HTML 1Page - ATMEL Corporation MEGA644PA Datasheet HTML 2Page - ATMEL Corporation MEGA644PA Datasheet HTML 3Page - ATMEL Corporation MEGA644PA Datasheet HTML 4Page - ATMEL Corporation MEGA644PA Datasheet HTML 5Page - ATMEL Corporation MEGA644PA Datasheet HTML 6Page - ATMEL Corporation MEGA644PA Datasheet HTML 7Page - ATMEL Corporation MEGA644PA Datasheet HTML 8Page - ATMEL Corporation MEGA644PA Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
Product Selection Guide
3
Many electronics industry analysts predict The Internet of Things (IoT)will experience
phenomenal growth in the next few years, with connected devices numbering in the tens
of billions. Since its inception 30 years ago, Atmel® has provided innovations in the essential
building blocks of IoT designs—from embedded processing and connectivity to sensors,
security, and software. Atmel ties it all together with a rich ecosystem of design tools, including
the free Atmel Studio IDE, making it simple to leverage these industry-leading technologies.
Automotive
CAN / LIN Tx
High Voltage
32-bit MPU
Highly Secure
Low Cost
ARM9 &A5 Cores
8-bit Flash MCU
Industry Leading
8-bit AVR Micros
32-bit Flash MCU
Lowest Power
ARM M0+, M4 & M7 Cores
Event System, Sercom, & PTC
Analog
AFE
Metrology
Temp Sensor
Memory
Serial EEPROM
MAC Address
Crypto
Authentication
SHA
AES
ECC
72Mb/s
Up to 200m range
Wi-Fi
802.11a/b/g/n
Atmel SmartConnect
and Wireless
Atmel Companion
Devices
Microcontrollers
~2-5Kb/s
Up to 2Km range
Narrowband
FSK
2.4GHz
& Sub GHz
3Mb/s
Up to 30m range
Bluetooth
Low Energy
& Dual Mode
250kb/s
Up to 300m range
802.15.4
ZigBee
6LoWPAN
LWMesh
Atmel at the Heart of the Connected World


Similar Part No. - MEGA644PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA64C1-15AZ ATMEL-MEGA64C1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-15MZ ATMEL-MEGA64C1-15MZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-ESAZ ATMEL-MEGA64C1-ESAZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-ESMZ ATMEL-MEGA64C1-ESMZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64M1-15AZ ATMEL-MEGA64M1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - MEGA644PA

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
   CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com