Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MEGA649P Datasheet(PDF) 11 Page - ATMEL Corporation

Part # MEGA649P
Description  Single cycle instructions
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MEGA649P Datasheet(HTML) 11 Page - ATMEL Corporation

Back Button MEGA649P Datasheet HTML 7Page - ATMEL Corporation MEGA649P Datasheet HTML 8Page - ATMEL Corporation MEGA649P Datasheet HTML 9Page - ATMEL Corporation MEGA649P Datasheet HTML 10Page - ATMEL Corporation MEGA649P Datasheet HTML 11Page - ATMEL Corporation MEGA649P Datasheet HTML 12Page - ATMEL Corporation MEGA649P Datasheet HTML 13Page - ATMEL Corporation MEGA649P Datasheet HTML 14Page - ATMEL Corporation MEGA649P Datasheet HTML 15Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
Product Selection Guide
11
SAM 4/G Family
Features
SAM4N
SAM4S
SAM4E
SAM4L
SAM G
Cortex M4/M4F
Up to 2MB Dual Bank
Flash
High I/O Pin
DMA
Communication (USB,
CAN, Ethernet)
CMOS Interface
Safety and Security
I2S
100 MHz
120 MHz
120 MHz
48 MHz
120 MHz
512KB-1MB
Single Bank
-
128KB-2MB
Single/Dual Bank
Cache
512KB-1MB
Single Bank
Cache
128-512KB
Single Bank
-
256-512KB
Single Bank
Cache
48, 64 and 100 pins
100, 144 pins
48, 64 and 100
pins
49 and 64 pins
DMA
DMA
DMA
FS USB Device
-
-
FS USB Device
2x CAN
1x Ethernet
FS USB H&D
-
-
CMOS Interface
CRC
-
-
CRC
AES 256
-
CRC
AES 256
RNG
CRC
-
-
I2S
I2S
I2S
SAM4 & SAM G
Atmel ARM Cortex-M4 Summary
• SAM4N – Ideal for a wide range of applications in
industrial automation, consumer and appliance, and
energy metering markets. Pin compatible with SAM3S,
SAM3N and SAM7S,
• SAM4S – Features a multi-layer bus matrix, multi-
channel direct memory access (DMA) and distributed
memory to support high data rate communication.
• SAM4E – Offers a rich set of connectivity peripherals
including 10/100Mbps Ethernet MAC supporting
IEEE1588 and dual CAN as well as single-precision FPU.
• SAM4L – Ideal for power sensitive designs delivering
down to 90uA/MHz in active mode as well as sleep
mode with full RAM retention of 1.5uA and wake-up
time of 1.5us.
• SAM G – Optimized for ultra-low power and high
performance. Small form factor bundled with FPU,
DMA and good SRAM to flash ratio in a very tiny
3x3mm package
Series Descriptions


Similar Part No. - MEGA649P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
MEGA64C1-15AZ ATMEL-MEGA64C1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-15MZ ATMEL-MEGA64C1-15MZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-ESAZ ATMEL-MEGA64C1-ESAZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64C1-ESMZ ATMEL-MEGA64C1-ESMZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
MEGA64M1-15AZ ATMEL-MEGA64M1-15AZ Datasheet
6Mb / 365P
   8-bit Microcontroller with 16K/32K/64K Bytes In-System Programmable Flash
More results

Similar Description - MEGA649P

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATMEGA48PV ATMEL-ATMEGA48PV_14 Datasheet
401Kb / 420P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATTINY48PRE ATMEL-ATTINY48PRE Datasheet
8Mb / 298P
   123 Powerful Instructions ??Most Single Clock Cycle Execution
AT90USB647 ATMEL-AT90USB647_14 Datasheet
11Mb / 456P
   135 powerful instructions ??most single clock cycle execution
ATMEGA48PA ATMEL-ATMEGA48PA_14 Datasheet
487Kb / 326P
   131 Powerful Instructions ??Most Single Clock Cycle Execution
ATMEGA48P ATMEL-ATMEGA48P_11 Datasheet
6Mb / 420P
   131 Powerful Instructions - Most Single Clock Cycle Execution
AT90PWM161 ATMEL-AT90PWM161_14 Datasheet
3Mb / 327P
   131 powerful instructions - most single clock cycle execution
T32UC3L0128 ATMEL-T32UC3L0128_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
AT32UC3L0256 ATMEL-AT32UC3L0256_14 Datasheet
11Mb / 852P
   Compact Single-cycle RISC Instruction Set Including DSP Instructions
logo
PANDUIT CORP.
MPT5-8AS PANDUIT-MPT5-8AS Datasheet
120Kb / 1P
   CONTROLLED CYCLE TERMINATION TOOL OPERATION INSTRUCTIONS
CT-1123 PANDUIT-CT-1123 Datasheet
105Kb / 2P
   CONTROLLED CYCLE FERRULE CRIMPING TOOLS OPERATION, INSPECTION and MAINTENANCE INSTRUCTIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com