Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K6R1008C1C-J Datasheet(PDF) 5 Page - ATMEL Corporation

Part # K6R1008C1C-J
Description  Supports the ATmega2560, ATmega1280 and ATmega640
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

K6R1008C1C-J Datasheet(HTML) 5 Page - ATMEL Corporation

  K6R1008C1C-J Datasheet HTML 1Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 2Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 3Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 4Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 5Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 6Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 7Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 8Page - ATMEL Corporation K6R1008C1C-J Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
5
RAM HIGH ADDRESS jumpers:
These jumpers are for disabling some of the address lines from the
controller to the SRAM. See the External Memory Interface chapter.
RS-232 connector:
The STK503 has an on-board RS-232 converter. In order to use it, you
must connect the AVR to the AVR side of the connector, and the external
RS-232 equipment (such as a PC) to the RS-232 side. See RS-232
Driver for more information.
PORTx connectors:
All of the AVR ports are accessible on the port connectors. They are
marked with text corresponding to the name of the AVR port. In addition
to the port pins, they also have VCC and GND pins. See the Appendix for
pinout.
Mounting the STK503
First of all the STK503 must be mount on top of the STK500.
1.
Turn off power on the STK500.
2.
Remove any other top cards.
3.
Remove any devices from sockets of the STK500.
4.
Place the STK503 on STK500. Make sure the EXPAND0 and EXPAND1
headers on both cards align properly.
Figure 3-2: Mounting the STK503
Placing the AVR in the ZIF socket
The ZIF socket on STK503 takes AVRs in 100-pin TQFP packages.
To use STK500 and 100-pin AVR devices with LCD controller such as the
ATmega3290 and ATmega6490, you must use the STK504 top module, not


Similar Part No. - K6R1008C1C-J

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
K6R1008C1C-J ETC2-K6R1008C1C-J Datasheet
704Kb / 17P
   STK503 User Guide
logo
Samsung semiconductor
K6R1008C1C-J10 SAMSUNG-K6R1008C1C-J10 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C-J12 SAMSUNG-K6R1008C1C-J12 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
K6R1008C1C-J15 SAMSUNG-K6R1008C1C-J15 Datasheet
131Kb / 9P
   128Kx8 Bit High-Speed CMOS Static RAM(5V Operating). Operated at Commercial and Industrial Temperature Ranges.
More results

Similar Description - K6R1008C1C-J

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
STK505 ATMEL-STK505 Datasheet
158Kb / 11P
   Supports the ATtiny24 and ATtiny26
logo
Freescale Semiconductor...
KL16P64M48SF4 FREESCALE-KL16P64M48SF4 Datasheet
1Mb / 55P
   Supports the following MKL16Z256VLH4, MKL16Z256VMP4
logo
Analog Devices
EVAL-ADPD105Z-GEN AD-EVAL-ADPD105Z-GEN Datasheet
1Mb / 26P
   Supports the detection of UART
logo
ATMEL Corporation
STK504 ATMEL-STK504 Datasheet
568Kb / 21P
   Supports the ATmega3290 and ATmega6490 with built-in LCD controller
logo
NXP Semiconductors
K70P256M120SF3 NXP-K70P256M120SF3 Datasheet
1Mb / 97P
   K70 Sub-Family Supports the following
Rev. 7, 02/2018
K10P64M50SF0 NXP-K10P64M50SF0_V01 Datasheet
988Kb / 62P
   K10 Sub-Family Supports the following
Rev. 5 10/2023
K61P256M150SF3 NXP-K61P256M150SF3 Datasheet
1Mb / 94P
   K61 Sub-Family Supports the following
Rev. 7, 02/2018
S32M2XX NXP-S32M2XX Datasheet
2Mb / 135P
   Supports S32M24x and S32M27x
Rev. 3 - 10/2023
MC56F80XXX NXP-MC56F80XXX_V01 Datasheet
1Mb / 71P
   Supports MC56F807xx and MC56F806xx
Rev. 2.1, 02/2023
logo
Dialog Semiconductor
DA14AVDDECT DIALOG-DA14AVDDECT Datasheet
1Mb / 25P
   The module is based on Dialogs DA14495 chip that supports DQPSK and D8PSK besides the
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com