Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

904086-1 Datasheet(PDF) 4 Page - TE Connectivity Ltd

Part # 904086-1
Description  Mass Insertion Terminating Head
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TEC [TE Connectivity Ltd]
Direct Link  http://www.te.com/usa-en/home.html
Logo TEC - TE Connectivity Ltd

904086-1 Datasheet(HTML) 4 Page - TE Connectivity Ltd

  904086-1 Datasheet HTML 1Page - TE Connectivity Ltd 904086-1 Datasheet HTML 2Page - TE Connectivity Ltd 904086-1 Datasheet HTML 3Page - TE Connectivity Ltd 904086-1 Datasheet HTML 4Page - TE Connectivity Ltd 904086-1 Datasheet HTML 5Page - TE Connectivity Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Head Removed from
Handle Assembly
Insertion
Rod
Adjuster
Clockwise to
Decrease
Wire Insertion Depth
Counterclockwise
to Increase
408-4406
4 of 5
Rev C
Figure 6
2. If the wires are too deep in the contact slots, turn
the insertion rod adjuster clockwise. A 1/6-
revolution will decrease the wire insertion depth by
approximately 0.20 mm [.008 in.]. If the wires are
not deep enough in the contact slots, turn the
adjuster counterclockwise. A 1/6-revolution will
increase the wire insertion depth by approximately
0.20 mm [.008 in.]. See Figure 6.
3. Install the head onto the handle assembly; then
terminate and inspect a test connector.
4. Repeat the adjustment as necessary until proper
wire insertion depth is obtained. DO NOT use a
tighter setting than required.
6. MAINTENANCE AND INSPECTION
TE recommends that a maintenance and inspection
program be performed periodically to ensure
dependable and uniform terminations.
6.1. Daily Maintenance
1. Remove dust, moisture, and other contaminants
with a clean, soft brush or a soft, lint-free cloth. Do
NOT use objects that could damage the head.
2. Make sure that all pins, rings, and other
components are in place and secure.
3. When head is not in use, store it in a clean, dry
area.
6.2. Periodic Inspection
Regular inspections should be performed by quality
control personnel. Though recommendations call for
at least one inspection a month, the frequency should
be based on amount of use, working conditions,
operator training and skill, and your established
company policies.
1. Remove all lubrication and accumulated film by
immersing the head in a suitable commercial
degreaser that will not affect paint or plastic.
2. Make certain all components are in place. If
replacements are necessary, refer to Section 7.
3. Check all bearing surfaces for wear. Replace
worn or damaged parts.
4. Inspect the head for flattened, chipped, or broken
surfaces. Replace worn or damaged parts.
7. REPLACEMENT AND REPAIR
Replacement parts are listed in Figure 7. A complete
inventory can be stocked and controlled to prevent lost
time when replacement of parts is necessary. Order
replacement parts through your TE representative, or
call 1-800-526-5142, or send a facsimile of your
purchase order to 1-717-986-7605, or write to:
CUSTOMER SERVICE (038-035)
TYCO ELECTRONICS CORPORATION
PO BOX 3608
HARRISBURG PA 17105-3608
For customer repair service, call 1-800-526-5136.
8. REVISION SUMMARY
Revisions to this instruction sheet include:
Changed company name and logo


Similar Part No. - 904086-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
9040 ETC2-9040 Datasheet
326Kb / 1P
   INSULATED PC SPACERS/SUPPORTS
logo
Heyco.
9040 HEYCO-9040 Datasheet
152Kb / 2P
   Snap Rivets
logo
M/A-COM Technology Solu...
90400-90600 MA-COM-90400-90600 Datasheet
511Kb / 3P
   High Working Voltage: 50 V
logo
Qorvo, Inc
90403A106 QORVO-90403A106 Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
Keysight Technologies
90404A KEYSIGHT-90404A Datasheet
4Mb / 41P
   Infiniium 90000 Series Oscilloscopes
More results

Similar Description - 904086-1

ManufacturerPart #DatasheetDescription
logo
EHAOAN.
304HIR-3C EHAOAN-304HIR-3C Datasheet
1Mb / 7P
   F3 round head straight insertion
logo
Molex Electronics Ltd.
0622005703 MOLEX-0622005703 Datasheet
57Kb / 9P
   Backplane Insertion Head for 144 Circuits
02/27/2021
logo
Balluff Korea Ltd.
BCC0718 BALLUFF-BCC0718 Datasheet
104Kb / 2P
   Terminating Resistors
2022-07-16
BCC0A08 BALLUFF-BCC0A08 Datasheet
107Kb / 2P
   Terminating Resistors
0.58_2022-07-16
BCC0A0A BALLUFF-BCC0A0A Datasheet
102Kb / 2P
   Terminating Resistors
0.56_2022-07-16
BCC09MR BALLUFF-BCC09MR Datasheet
112Kb / 2P
   Terminating Resistors
2022-07-16
logo
Tyco Electronics
408-6930 MACOM-408-6930 Datasheet
172Kb / 5P
   Terminating Head 58247- 1 For MTA- 156 Receptacle Connectors Using Discrete Wire
logo
Balluff Korea Ltd.
BCC0C6E BALLUFF-BCC0C6E Datasheet
100Kb / 2P
   Terminating Resistors
0.55_2022-07-16
logo
TE Connectivity Ltd
408-8734 TEC-408-8734 Datasheet
389Kb / 6P
   Terminating Modules
logo
Balluff Korea Ltd.
BCC0A09 BALLUFF-BCC0A09 Datasheet
101Kb / 2P
   Terminating Resistors
0.56_2022-07-16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com