Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN7002U Datasheet(PDF) 1 Page - SYNC POWER Crop.

Part # SPN7002U
Description  High saturation current capability
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN7002U Datasheet(HTML) 1 Page - SYNC POWER Crop.

  SPN7002U Datasheet HTML 1Page - SYNC POWER Crop. SPN7002U Datasheet HTML 2Page - SYNC POWER Crop. SPN7002U Datasheet HTML 3Page - SYNC POWER Crop. SPN7002U Datasheet HTML 4Page - SYNC POWER Crop. SPN7002U Datasheet HTML 5Page - SYNC POWER Crop. SPN7002U Datasheet HTML 6Page - SYNC POWER Crop. SPN7002U Datasheet HTML 7Page - SYNC POWER Crop. SPN7002U Datasheet HTML 8Page - SYNC POWER Crop. SPN7002U Datasheet HTML 9Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
2011/08/18
Ver.1
Page 1
SPN7002U
N-Channel Enhancement Mode MOSFET
DESCRIPTION
APPLICATIONS
The SPN7002U is the N-Channel enhancement mode
field effect transistors are produced using high cell
density DMOS technology. These products have been
designed to minimize on-state resistance while provide
rugged, reliable, and fast switching performance. They
can be used in most applications requiring up to
640mA DC and can deliver pulsed currents up to
950mA. These products are particularly suited for low
voltage, low current applications such as small servo
motor control, power MOSFET gate drivers, and other
switching applications.
Drivers: Relays, Solenoids, Lamps, Hammers, Display,
Memories, Transistors, etc.
High saturation current capability. Direct
Logic-Level Interface: TTL/CMOS
Battery Operated Systems
Solid-State Relays
FEATURES
PIN CONFIGURATION(SOT-323)
PART MARKING
60V/0.50A , RDS(ON)= 2.0Ω@VGS=10V
60V/0.20A , RDS(ON)= 4.0Ω@VGS=4.5V
Super high density cell design for extremely low
RDS (ON)
Exceptional on-resistance and maximum DC
current capability
SOT-323 package design


Similar Part No. - SPN7002U

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN7002 SYNC-POWER-SPN7002 Datasheet
264Kb / 10P
   N-Channel Enhancement Mode MOSFET
SPN7002D SYNC-POWER-SPN7002D Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
258Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RG SYNC-POWER-SPN7002DS36RG Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
SPN7002DS36RGB SYNC-POWER-SPN7002DS36RGB Datasheet
235Kb / 9P
   Dual N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN7002U

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDE0805A-100M BOURNS-SDE0805A-100M Datasheet
410Kb / 3P
   High saturation current
logo
Vishay Siliconix
VS-SD203N VISHAY-VS-SD203N Datasheet
288Kb / 10P
   High current capability
Revision: 21-Nov-13
logo
Micro Commercial Compon...
SL24PL MCC-SL24PL Datasheet
356Kb / 3P
   High Current Capability
logo
Nanjing International G...
SM260.2A-DO-213AB DGNJDZ-SM260.2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
SM260-2A-DO-213AB DGNJDZ-SM260-2A-DO-213AB Datasheet
492Kb / 2P
   High current capability
logo
Chongqing Pingwei Enter...
MBR1060CT CHONGQING-MBR1060CT Datasheet
213Kb / 1P
   High current capability
logo
Inchange Semiconductor ...
BUZ30A ISC-BUZ30A Datasheet
66Kb / 2P
   High current capability
2SA2121 ISC-2SA2121 Datasheet
114Kb / 2P
   High Current Capability
2SA1028 ISC-2SA1028 Datasheet
69Kb / 2P
   High Current Capability
logo
DIYI Electronic Technol...
RDB151 DYELEC-RDB151 Datasheet
1Mb / 2P
   High current capability
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com