Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPN230T06T262RGB Datasheet(PDF) 2 Page - SYNC POWER Crop.

Part # SPN230T06T262RGB
Description  N-Channel Enhancement Mode MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SYNC-POWER [SYNC POWER Crop.]
Direct Link  http://www.syncpower.com
Logo SYNC-POWER - SYNC POWER Crop.

SPN230T06T262RGB Datasheet(HTML) 2 Page - SYNC POWER Crop.

  SPN230T06T262RGB Datasheet HTML 1Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 2Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 3Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 4Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 5Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 6Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 7Page - SYNC POWER Crop. SPN230T06T262RGB Datasheet HTML 8Page - SYNC POWER Crop.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2016/12/8
Ver 2
Page 2
SPN230T06
N-Channel Enhancement Mode MOSFET
PIN DESCRIPTION
Pin
Symbol
Description
1
G
Gate
2
D
Drain
3
S
Source
ORDERING INFORMATION
Part Number
Package
Part
Marking
SPN230T06T220TGB
TO-220-3L
SPN230T06
SPN230T06T262RGB
TO-263-2L
SPN230T06
※ SPN230T06T220TGB : Tube ; Pb – Free ; Halogen - Free
※ SPN230T06T262RGB : Tape&Reel ; Pb – Free ; Halogen - Free
ABSOULTE MAXIMUM RATINGS
(TA=25℃ Unless otherwise noted)
Parameter
Symbol
Typical
Unit
Drain-Source Voltage
VDSS
60
V
Gate –Source Voltage
VGSS
±20
V
Continuous Drain Current(TJ=150℃)
TA=25℃
ID
230
A
TA=100℃
160
Pulsed Drain Current
IDM
400
A
Avalanche Energy, Single Pulse @ L=0.1mH, TA=25℃
EAS
180
mJ
Power Dissipation @ TA=25℃
PD
330
W
Operating Junction Temperature
TJ
-55/175
Storage Temperature Range
TSTG
-55/175
Thermal Resistance-Junction to Case
RθJ
c
0.5
℃/W
Thermal Resistance-Junction to Ambient
RθJA
60
℃/W


Similar Part No. - SPN230T06T262RGB

ManufacturerPart #DatasheetDescription
logo
SYNC POWER Crop.
SPN2302 SYNC-POWER-SPN2302 Datasheet
214Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN2302A SYNC-POWER-SPN2302A Datasheet
207Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN2302AS23RG SYNC-POWER-SPN2302AS23RG Datasheet
207Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN2302AS23RG SYNC-POWER-SPN2302AS23RG Datasheet
212Kb / 8P
   N-Channel Enhancement Mode MOSFET
SPN2302AS23RGB SYNC-POWER-SPN2302AS23RGB Datasheet
212Kb / 8P
   N-Channel Enhancement Mode MOSFET
More results

Similar Description - SPN230T06T262RGB

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
2N7002 CENTRAL-2N7002 Datasheet
80Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE MOSFET
logo
AUK corp
STK0602U AUK-STK0602U Datasheet
261Kb / 5P
   N-Channel Enhancement-Mode MOSFET
STK1828K AUK-STK1828K Datasheet
282Kb / 4P
   N-Channel Enhancement-Mode MOSFET
STK7002 AUK-STK7002 Datasheet
83Kb / 4P
   N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM6928 ANPEC-APM6928 Datasheet
153Kb / 9P
   N-Channel Enhancement Mode MOSFET
logo
General Semiconductor
GFB70N03 GE-GFB70N03 Datasheet
102Kb / 5P
   N-Channel Enhancement-Mode MOSFET
logo
Anpec Electronics Corop...
APM3011N ANPEC-APM3011N Datasheet
606Kb / 11P
   N-Channel Enhancement Mode MOSFET
APM2324A ANPEC-APM2324A Datasheet
183Kb / 10P
   N-Channel Enhancement Mode MOSFET
APM9968C ANPEC-APM9968C Datasheet
130Kb / 10P
   N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com