Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF_BUX44 Datasheet(PDF) 1 Page - Seme LAB

Part # SF_BUX44
Description  Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEME-LAB [Seme LAB]
Direct Link  http://www.semelab.co.uk
Logo SEME-LAB - Seme LAB

SF_BUX44 Datasheet(HTML) 1 Page - Seme LAB

  SF_BUX44 Datasheet HTML 1Page - Seme LAB  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BUX44
Bipolar NPN Device.
V
CEO =
400V
I
C = 8A
All Semelab hermetically sealed products
can be processed in accordance with the
requirements of BS, CECC and JAN,
JANTX, JANTXV and JANS specifications.
Parameter
Test Conditions
Min.
Typ.
Max.
Units
V
CEO*
400
V
I
C(CONT)
8
A
h
FE
@ 4/3 (V
CE / IC)
15
60
-
f
t
8M
Hz
P
D
120
W
* Maximum Working Voltage
This is a shortform datasheet. For a full datasheet please contact sales@semelab.co.uk.
Semelab Plc reserves the right to change test conditions, parameter limits and package dimensions without notice. Information furnished by Semelab is believed
to be both accurate and reliable at the time of going to press. However Semelab assumes no responsibility for any errors or omissions discovered in its use.
Generated
31-Jul-02
TO3 (TO204AA)
PINOUTS
1 – Base
2 – Emitter
Case - Collector
Bipolar NPN Device in a
Hermetically sealed TO3
Metal Package.
Semelab plc.
Telephone +44(0)1455 556565. Fax +44(0)1455 552612.
E-mail: sales@semelab.co.uk
Website: http://www.semelab.co.uk
Dimensions in mm (inches).
12
3
(case)
25.15 (0.99)
26.67 (1.05)
10.67 (0.42)
11.18 (0.44)
3.84 (0.151)
4.09 (0.161)
7.92 (0.312)
12.70 (0.50)
6.35 (0.25)
9.15 (0.36)
1.52 (0.06)
3.43 (0.135)


Similar Part No. - SF_BUX44

ManufacturerPart #DatasheetDescription
logo
Seme LAB
SF_BUX40 SEME-LAB-SF_BUX40 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_BUX43 SEME-LAB-SF_BUX43 Datasheet
11Kb / 1P
   Bipolar NPN Device
SF_BUX49 SEME-LAB-SF_BUX49 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO39 Metal Package
More results

Similar Description - SF_BUX44

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BUW26 SEME-LAB-BUW26 Datasheet
10Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N5936 SEME-LAB-2N5936 Datasheet
18Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N6510 SEME-LAB-2N6510 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BUP51 SEME-LAB-BUP51 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
BUX29 SEME-LAB-BUX29 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package.
BU127 SEME-LAB-BU127 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BUY58 SEME-LAB-BUY58 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2N6254 SEME-LAB-2N6254 Datasheet
12Kb / 1P
   BIPOLAR NPN DEVICE IN A HERMETICALLY SEALED TO3 METAL PACKAGE
SF_BUW77 SEME-LAB-SF_BUW77 Datasheet
11Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
BUX97A SEME-LAB-BUX97A Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
2S035 SEME-LAB-2S035 Datasheet
14Kb / 1P
   Bipolar NPN Device in a Hermetically sealed TO3 Metal Package
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com