Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-7506 Datasheet(PDF) 5 Page - Ironwood Electronics.

Part # CBT-BGA-7506
Description  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7506 Datasheet(HTML) 5 Page - Ironwood Electronics.

  CBT-BGA-7506 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 5Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 6Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 7Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 8Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
9
4
8
3
2
32
14
6
10
26
19
11
21
20
29
24
23
22
28
31
18
13
12
5
7
15
25
17
1
16
30
11
16
27
PIN 16:1
ITEM
NO.
DESCRIPTION
Material
1
Socket lid Dbl latch
7075-T6 Aluminum Alloy
2
Compression plate 19mm
7075-T6 Aluminum Alloy
3
split rolled spring pin M1 x 4mm long
Plain Carbon Steel
4
compression screw M18x1.5 fluted knob
7075-T6 Aluminum Alloy
5
Latch
7075-T6 Aluminum Alloy
6 Hinge Pin and Snap Ring, 3mm OD, 30mm
long, 1045 Stl, Blk Oxide
AISI 1045 Steel, cold
drawn
7
Precision Compression Spring, Zinc-Plated
Music Wire, 1/2" Length, .12" OD, .016"
Wire
Zinc Plated Music Wire
8
Spring Clamshell lid assembly
Steel Music Wire
9
Screw, M3 x 12mm, Low Head Cap, SS
18-8 Stainless Steel
10
Screw, #0-80 x 1/8", Flat Undercut, SS
Stainless Steel (303)
11
Floating Guide Spring
Alloy Steel (SS)
12
Middle Guide BGA216 12mm PoP
Semitron MDS 100
13
Bottom Guide BGA216 12mm PoP
Semitron MDS 100
14
Floating Guide BGA216 12mm PoP
Semitron MDS 100
15
IC guide 12mm PoP chip
TECAPEEK CMF Ceramic
filled
16
Stamped Pin, 0.4mm SBT-BGA
N/A
17
Compression plate for PoP chip
7075-T6 Aluminum Alloy
18
Socket Base
7075-T6 Aluminum Alloy
19
Floating Guide
Semitron MDS 100
20
Middle Guide
Semitron MDS 100
21
Bottom Guide
Semitron MDS 100
22
Customer's target PCB
High Temp FR4
23
Insulation plate
Ultem
24
Backing Plate 19mm
7075-T6, Plate (SS)
25
BGA216_12x12mm_0.4mm pitch
Material <not specified>
26
BGA500 14x17mm 0.65mm pitch
Material <not specified>
27 Dowel Pin, 1/32" dia, 7/16" Long, 18-8 SS
Chrome Stainless Steel
28
#0-80 X .75 LG, SOC HD CAP SCREW,
18-8 SS
Stainless Steel (18-8)
29
Screw, #0-80 X .375", Flat, SS
Material <not specified>
30
Dowel Pin, 1/32" x 3/8", SS
Chrome Stainless Steel
31
IC Guide 14x17mm
7075-T6 Aluminum Alloy
32
Low Profile Button Head T-5 Torx #0-80
machine screw
Stainless Steel (18-8)
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket BOM_w_pogonest_BGA216
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 03/04/2015
Material: N/A
Finish: N/A
Weight: 120.45
CBT-BGA-7506 Drawing
SCALE: 1:1
SHEET: 5 OF 9
ENG: S. Faiz
FILE: CBT-BGA-7506 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7506

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7501 IRONWOOD-CBT-BGA-7501 Datasheet
339Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7503 IRONWOOD-CBT-BGA-7503 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7504 IRONWOOD-CBT-BGA-7504 Datasheet
363Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7505 IRONWOOD-CBT-BGA-7505 Datasheet
672Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-BGA-7506

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com