Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-BGA-7506 Datasheet(PDF) 8 Page - Ironwood Electronics.

Part # CBT-BGA-7506
Description  Low and stable contact resistance for reliable production yield
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-BGA-7506 Datasheet(HTML) 8 Page - Ironwood Electronics.

  CBT-BGA-7506 Datasheet HTML 1Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 2Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 3Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 4Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 5Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 6Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 7Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 8Page - Ironwood Electronics. CBT-BGA-7506 Datasheet HTML 9Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
CLAMSHELL SOCKET LID ASSEMBLY
DROP IN
COMPRESSION
PLATE
POP CHIP
SPACER
POP CHIP
SOLDERED
TO BGA500
PACKAGE
PIN A1
ORIENATION
MARK
DROP IN
COMPRESSION
PLATE
ORIENTATION
MARK
SOCKET BASE
ASSEMBLY
SOCKET ASSEMBLY INSTRUCITON
WHEN USED FOR THE POP CHIP
SOLDERD TO BGA500 PACKAGE:
1. Place BGA500 package into socket
base assembly. NOTE PIN A1
orienation.
2. Place POP CHIP SPACER into socket
base cavity.
3. Place DROP IN COMPRESSION
PLATE into socket base cavity. NOTE
PIN A1 ORIENTATION.
4. Place clamshell socket lid assembly
over socket base and secure it with dual
latch.
5. Apply torque.
Recommended torque: 3.8 in-lbs.
6. Test.
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: Socket assy_wo_POP_pogonest
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. A
DATE: 03/04/2015
Material: N/A
Finish: N/A
Weight: 120.45
CBT-BGA-7506 Drawing
SCALE: 1.75:1
SHEET: 8 OF 9
ENG: S. Faiz
FILE: CBT-BGA-7506 Dwg
DRAWN BY: M. Raske


Similar Part No. - CBT-BGA-7506

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-7500 IRONWOOD-CBT-BGA-7500 Datasheet
350Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-BGA-7501 IRONWOOD-CBT-BGA-7501 Datasheet
339Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7503 IRONWOOD-CBT-BGA-7503 Datasheet
489Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7504 IRONWOOD-CBT-BGA-7504 Datasheet
363Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7505 IRONWOOD-CBT-BGA-7505 Datasheet
672Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-BGA-7506

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
SBT-BGA-7019 IRONWOOD-SBT-BGA-7019 Datasheet
324Kb / 5P
   Low and stable contact resistance for reliable production yield
SBT-QFE-3005 IRONWOOD-SBT-QFE-3005 Datasheet
405Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9014 IRONWOOD-SM-BGA-9014 Datasheet
378Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-BGA-9009 IRONWOOD-SM-BGA-9009 Datasheet
385Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-QFN-9010 IRONWOOD-SM-QFN-9010 Datasheet
452Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7033 IRONWOOD-CBT-QFN-7033 Datasheet
492Kb / 4P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7018 IRONWOOD-CBT-QFN-7018 Datasheet
404Kb / 5P
   Low and stable contact resistance for reliable production yield
CBT-QFN-7028 IRONWOOD-CBT-QFN-7028 Datasheet
501Kb / 4P
   Low and stable contact resistance for reliable production yield
SM-QFN-9014 IRONWOOD-SM-QFN-9014 Datasheet
469Kb / 5P
   Low and stable contact resistance for reliable production yield
SM-BGA-9061 IRONWOOD-SM-BGA-9061 Datasheet
393Kb / 4P
   Low and stable contact resistance for reliable production yield
SMP-QFN-8011 IRONWOOD-SMP-QFN-8011 Datasheet
674Kb / 6P
   Low and stable contact resistance for reliable production yield
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com