Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CBT-LGA-5000 Datasheet(PDF) 3 Page - Ironwood Electronics.

Part # CBT-LGA-5000
Description  Automated probe manufacturing enables low cost and short lead time
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRONWOOD [Ironwood Electronics.]
Direct Link  http://www.ironwoodelectronics.com
Logo IRONWOOD - Ironwood Electronics.

CBT-LGA-5000 Datasheet(HTML) 3 Page - Ironwood Electronics.

  CBT-LGA-5000 Datasheet HTML 1Page - Ironwood Electronics. CBT-LGA-5000 Datasheet HTML 2Page - Ironwood Electronics. CBT-LGA-5000 Datasheet HTML 3Page - Ironwood Electronics. CBT-LGA-5000 Datasheet HTML 4Page - Ironwood Electronics. CBT-LGA-5000 Datasheet HTML 5Page - Ironwood Electronics.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
0.75
0.75
22
18.25
21.75
18
E
A1 Corner
25
21
A1 Corner
2.06
D
0.05
DETAIL D
SCALE 12 : 1
4
3.25
0.55
0.45
0.65
0.55
0.67
0.545
0.50
0.50
0.23
0.23
DETAIL E
SCALE 6 : 1
Ironwood Electronics, Inc.
Tele: (800) 404-0204
www.ironwoodelectronics.com
Tolerances: Hole diameters ±0.03mm [±0.001"], Pitches (from true position) ±0.025mm [±0.001"], substrate thickness tolerance ±10%, all
other tolerances ±0.13mm [±0.005"] unless stated otherwise. Materials and specifications are subject to change without notice.
Description: LGA
Primary dimension units are millimeters, Secondary dimension units are [inches], Weight is in grams.
STATUS: Released
REV. B
DATE: 3/21/2013
Material: N/A
Finish: N/A
Weight: 151.58
CBT-LGA-5000 Drawing
SCALE: 3:1
SHEET: 3 OF 5
ENG: S. Huang
FILE: CBT-LGA-5000
DRAWN BY: S. Huang


Similar Part No. - CBT-LGA-5000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-LGA-5001 IRONWOOD-CBT-LGA-5001 Datasheet
385Kb / 5P
   Highly compliant to accommodate wide co-planarity variations
CBT-LGA-5002 IRONWOOD-CBT-LGA-5002 Datasheet
267Kb / 4P
   Compression plate distributes forces evenly.
CBT-LGA-5003 IRONWOOD-CBT-LGA-5003 Datasheet
415Kb / 5P
   Low and stable contact resistance for reliable production yield.
CBT-LGA-5004 IRONWOOD-CBT-LGA-5004 Datasheet
562Kb / 5P
   Automated probe manufacturing enables low cost and short lead time.
CBT-LGA-5006 IRONWOOD-CBT-LGA-5006 Datasheet
491Kb / 5P
   Low and stable contact resistance for reliable production yield
More results

Similar Description - CBT-LGA-5000

ManufacturerPart #DatasheetDescription
logo
Ironwood Electronics.
CBT-BGA-6032 IRONWOOD-CBT-BGA-6032 Datasheet
464Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6038 IRONWOOD-CBT-BGA-6038 Datasheet
287Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6046 IRONWOOD-CBT-BGA-6046 Datasheet
380Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-7025 IRONWOOD-CBT-BGA-7025 Datasheet
401Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-BGA-6517 IRONWOOD-SBT-BGA-6517 Datasheet
516Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SM-BGA-9037 IRONWOOD-SM-BGA-9037 Datasheet
542Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CHBT-BGA-7001 IRONWOOD-CHBT-BGA-7001 Datasheet
449Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
SBT-LGA-9007 IRONWOOD-SBT-LGA-9007 Datasheet
249Kb / 4P
   Automated probe manufacturing enables low cost and short lead time
SBT-QFE-3009 IRONWOOD-SBT-QFE-3009 Datasheet
538Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
CBT-BGA-6002 IRONWOOD-CBT-BGA-6002 Datasheet
366Kb / 5P
   Automated probe manufacturing enables low cost and short lead time
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com