Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71091SEH20 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL71091SEH20
Description  2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71091SEH20 Datasheet(HTML) 1 Page - Intersil Corporation

  ISL71091SEH20 Datasheet HTML 1Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 2Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 3Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 4Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 5Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 6Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 7Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 8Page - Intersil Corporation ISL71091SEH20 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
DATASHEET
2.048V Radiation Hardened Ultra Low Noise, Precision
Voltage Reference
ISL71091SEH20
The ISL71091SEH20 is an ultra low noise, high DC accuracy
precision voltage reference with a wide input voltage range
from 4.2V to 30V. It uses Intersil’s advanced bipolar technology
to achieve 3.8µVP-P 0.1Hz to 10Hz noise with an initial voltage
accuracy of 0.05%.
The ISL71091SEH20 offers a 2.048V output voltage option
with 6ppm/°C temperature coefficient and also provides
excellent line and load regulation. The device is offered in an
8 Ld flatpack package.
The ISL71091SEH20 is ideal for high-end instrumentation,
data acquisition and processing applications requiring high DC
precision where low noise performance is critical.
Applications
• Precision voltage sources for data acquisition system for
space application
• Strain and pressure gauge for space applications
• Radiation hardened PWM requiring precision outputs
Related Literature
• AN1906, “ISL71091SEHxxEV1Z User’s Guide”
• AN1938, “Single Event Effects (SEE) Testing of the
ISL71091SEHxx Precision Voltage References Family”
• AN1939, “Total Dose Testing of the ISL71091SEHxx
Precision Voltage Reference”
Features
• Reference output voltage . . . . . . . . . . . . . . . .2.048V ±0.05%
• Accuracy over temperature . . . . . . . . . . . . . . . . . . . . . ±0.15%
• Accuracy over radiation . . . . . . . . . . . . . . . . . . . . . . . . ±0.25%
• Output voltage noise . . . . . . 3.8µVP-P typical (0.1Hz to 10Hz)
• Supply current . . . . . . . . . . . . . . . . . . . . . . . . . 300µA (typical)
•VOS temperature coefficient . . . . . . . . . . 6ppm/°C maximum
• Output current capability . . . . . . . . . . . . . . . . . . . 10mA/-5mA
• Line regulation . . . . . . . . . . . . . . . . . . . . . . 5ppm/V maximum
• Load regulation (Sourcing) . . . . . . . . . 40ppm/mA maximum
• Operating temperature range. . . . . . . . . . . .-55°C to +125°C
• Radiation environment
- High dose rate (50 to 300rad(Si)/s). . . . . . . . . 100krad(Si)
- Low dose rate (0.01rad(Si)/s) . . . . . . . . . . . . . 100krad(Si)*
- SEL/SEB free (VCC = 36V) . . . . . . . . . . . . 86MeV•cm2/mg
*Product capability established by initial characterization. The
“EH” version is acceptance tested on a wafer-by-wafer basis to
50krad(Si) at low dose rate.
• Electrically screened to SMD 5962-14208
FIGURE 1. ISL71091SEH20 TYPICAL APPLICATION DIAGRAM
FIGURE 2. VOUT vs TEMPERATURE
0.1µF
VEE
VDD
REFIN
VDD
BIPOFF
VEE
DACOUT
GND
VIN
VREF
1µF
D0
HS-565BRH
1
2
3
4
6
8
7
5
ISL71091SEH20
D12
1.1k
C
NOTE: Select C to minimize
settling time.
DNC
VIN
COMP
GND
DNC
DNC
VOUT
TRIM
1nF
2.045
2.046
2.047
2.048
2.049
2.050
2.051
-65
-45
-25
-5
15
35
55
75
95
115 135
UNIT 1
UNIT 3
UNIT 2
UNIT 4
UNIT 5
TEMPERATURE (°C)
March 17, 2016
FN8632.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Copyright Intersil Americas LLC 2014, 2016. All Rights Reserved
Intersil (and design) is a trademark owned by Intersil Corporation or one of its subsidiaries.
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL71091SEH20

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
More results

Similar Description - ISL71091SEH20

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71091SEH20 RENESAS-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH25 RENESAS-ISL71090SEH25 Datasheet
498Kb / 14P
   2.5V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com