Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71091SEH40 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL71091SEH40
Description  4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71091SEH40 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL71091SEH40 Datasheet HTML 1Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 2Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 3Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 4Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 5Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 6Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 7Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 8Page - Intersil Corporation ISL71091SEH40 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
ISL71091SEH40
2
FN8634.2
March 17, 2016
Submit Document Feedback
Ordering Information
ORDERING NUMBER
(Notes 1, 2)
PART
NUMBER
VOUT
OPTION
(Note 3)
(V)
GRADE
(%)
TEMPCO
(ppm/°C)
TEMP RANGE
(°C)
PACKAGE
(RoHS Compliant)
PKG.
DWG. #
5962R1420803VXC
ISL71091SEHVF40
4.096
0.05
6
-55 to +125 8 Ld Flatpack
K8.A
5962R1420803V9A
ISL71091SEHVX40
4.096
0.05
6
-55 to +125 Die
ISL71091SEHF40/PROTO
ISL71091SEHF40/PROTO
4.096
0.05
6
-55 to +125 8 Ld Flatpack
K8.A
ISL71091SEHF40SAMPLE
ISL71091SEHX40SAMPLE
4.096
0.05
6
-55 to +125 Die
ISL71091SEH40EV1Z
Evaluation Board
NOTES:
1. These Intersil Pb-free Hermetic packaged products employ 100% Au plate - e4 termination finish, which is RoHS compliant and compatible with both
SnPb and Pb-free soldering operations.
2. Specifications for Rad Hard QML devices are controlled by the Defense Logistics Agency Land and Maritime (DLA). The SMD numbers listed in the
“Ordering Information” table must be used when ordering.
3. For alternate VOUT options, visit the ISL71090SEH and ISL71091SEH family pages.
TABLE 1. KEY DIFFERENCES BETWEEN FAMILY OF PARTS
PART
VOUT
 (V)
TEMPCO
(ppm/°C)
OUTPUT VOLTAGE NOISE
(µVP-P)
LOAD REGULATION
(ppm/mA)
ISL71091SEH20
2.048
6
3.8
40
ISL71091SEH33
3.365.2
25
ISL71091SEH40
4.096
6
6.2
20
ISL71091SEH10
10
6
14.8
15


Similar Part No. - ISL71091SEH40

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH40 INTERSIL-ISL71091SEH40 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
logo
Renesas Technology Corp
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results

Similar Description - ISL71091SEH40

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71091SEH40 RENESAS-ISL71091SEH40 Datasheet
1Mb / 16P
   4.096V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71090SEH12 INTERSIL-ISL71090SEH12 Datasheet
408Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH25 INTERSIL-ISL71090SEH25 Datasheet
388Kb / 10P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
ISL71090SEH50 INTERSIL-ISL71090SEH50 Datasheet
391Kb / 13P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 15, 2016
logo
Renesas Technology Corp
ISL71090SEH50 RENESAS-ISL71090SEH50 Datasheet
495Kb / 14P
   Radiation Hardened Ultra Low Noise, Precision Voltage Reference
May 14, 2021
ISL71091SEH10 RENESAS-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Intersil Corporation
ISL71091SEH20 INTERSIL-ISL71091SEH20 Datasheet
1Mb / 16P
   2.048V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
logo
Renesas Technology Corp
ISL71090SEH12 RENESAS-ISL71090SEH12 Datasheet
588Kb / 14P
   1.25V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
Jan 20, 2022
logo
Intersil Corporation
ISL71091SEH33 INTERSIL-ISL71091SEH33 Datasheet
1Mb / 16P
   3.3V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 18, 2016
ISL71091SEH10 INTERSIL-ISL71091SEH10 Datasheet
1Mb / 16P
   10V Radiation Hardened Ultra Low Noise, Precision Voltage Reference
March 17, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com