Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71831SEHEV1Z Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL71831SEHEV1Z
Description  Radiation Hardened 5V 32-Channel Analog Multiplexer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71831SEHEV1Z Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL71831SEHEV1Z Datasheet HTML 2Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 3Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 4Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 5Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 6Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 7Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 8Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 9Page - Intersil Corporation ISL71831SEHEV1Z Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
ISL71831SEH
6
FN8759.2
November 18, 2016
Submit Document Feedback
Electrical Specifications (V+ = 3.3V) V
REF = 3.3V, VIH = 3.3V, VIL = 0V, TA = +25°C, unless otherwise noted.
Boldface limits apply across the operating temperature range, -55°C to +125°C.; over a total ionizing dose of 75krad(Si) with exposure at a low dose
rate of <10mrad(Si)/s.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
(Note 6)
TYP
MAX
(Note 6)
UNIT
VIN
Analog Input Signal Range
0
V+
V
rDS(ON)
Channel On-Resistance
V+ = 3V, VIN = 0V to V+
IOUT = 1mA
25
70
200
Ω
ΔrDS(ON)
rDS(ON) Match Between Channels
V+ = 3V, VIN = 0.5V, 2.5V
IOUT = 1mA
--
5
Ω
rFLAT(ON)
On-Resistance Flatness
V+ = 3V, VIN = 0V to V+
--
50
Ω
IIN(OFF)
Switch Input Off Leakage
V+ = 3.6V, VIN = 3.1V,
Unused inputs and VOUT = 0.5V
-30
-
30
nA
V+ = 3.6V, VIN = 0.5V,
Unused inputs and VOUT = 3.1V
-30
-
30
nA
IIN(OFF-OV)
Switch Input Off Overvoltage Leakage V+ = 3.6V, VIN = 7V,
Unused inputs and VOUT = 0V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
-30
-
100
nA
Post radiation, +25°C
-30
-
30
nA
IIN(ON-OV)
Switch On Input Leakage with
Overvoltage Applied to the Input
V+ = 3.6V, VIN = 7V
VOUT = OPEN
1.8
-
3.6
µA
IOUT(OFF)
Switch Output Off Leakage
V+ = 3.6V, VOUT = 3.1V,
All inputs = 0.5V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
120
nA
Post radiation, +25°C
-30
-
30
nA
V+ = 3.6V, VOUT = 0.5V,
All inputs = 3.1V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
30
nA
Post radiation, +25°C
-30
-
30
nA
IOUT(ON)
Switch Output Leakage with Switch
Enabled
V+ = 3.6V, VIN = VOUT = 3.1V
All unused inputs at 0.5V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
120
nA
Post radiation, +25°C
-30
-
30
nA
V+ = 3.6V, VIN = VOUT = 0.5V
All unused inputs at 3.1V,
TA = +25°C, -55°C
-30
-
30
nA
TA = +125°C
0
-
30
nA
Post radiation, +25°C
-30
-
30
nA
ISUPPLY
Quiescent Supply Current
V+ = VREF = VEN = 3.6V
VA = 0V, TA = +25°C, -55°C
--
100
nA
TA = +125°C
-
-
300
nA
Post radiation, +25°C
-
-
300
nA
IREF
Reference Quiescent Supply Current
V+ = VREF = VEN = 3.6V, VA = 0V
-
-
200
nA


Similar Part No. - ISL71831SEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71831SEHEV1Z RENESAS-ISL71831SEHEV1Z Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
More results

Similar Description - ISL71831SEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
ISL71840SEH INTERSIL-ISL71840SEH Datasheet
1Mb / 27P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
June 9, 2016
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
ISL71030M INTERSIL-ISL71030M Datasheet
642Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Jul.10.19
logo
Renesas Technology Corp
ISL71030M RENESAS-ISL71030M Datasheet
687Kb / 25P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Apr 12, 2021
logo
Intersil Corporation
ISL71830SEH INTERSIL-ISL71830SEH Datasheet
1Mb / 20P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
November 18, 2016
logo
Renesas Technology Corp
ISL71830SEH RENESAS-ISL71830SEH Datasheet
2Mb / 21P
   Radiation Tolerant 5V 16-Channel Analog Multiplexer
Dec 8, 2022
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com