Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL71840SEHEV1Z Datasheet(PDF) 4 Page - Intersil Corporation

Part # ISL71840SEHEV1Z
Description  Radiation Hardened 30V 16-Channel Analog Multiplexer
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL71840SEHEV1Z Datasheet(HTML) 4 Page - Intersil Corporation

  ISL71840SEHEV1Z Datasheet HTML 1Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 2Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 3Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 4Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 5Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 6Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 7Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 8Page - Intersil Corporation ISL71840SEHEV1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 27 page
background image
ISL71840SEH
4
FN8734.3
June 9, 2016
Submit Document Feedback
Pin Configuration
ISL71840SEH
(28 LD CDFP)
TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
12
13
14
28
27
26
25
24
23
22
21
20
19
18
17
16
15
V+
NC
NC
IN16
IN15
IN14
IN13
IN12
IN11
IN10
IN09
GND
VREF
A3
VOUT
V-
IN08
IN07
IN06
IN05
IN04
IN03
IN02
IN01
EN
A0
A1
A2
Pin Descriptions
PIN NAME
PIN NUMBER
DESCRIPTION
VOUT
28
Output for multiplexer
V+
1
Positive power supply
V-
27
Negative power supply
NC
2, 3
Not electrically connected
INx
4, 5, 6, 7, 8, 9, 10, 11, 19, 20, 21,
22, 23, 24, 25, 26
Input for multiplexer
Ax
14, 15, 16, 17
Address lines for multiplexer
EN
18
Enable control for multiplexer (active low)
VREF
13
Reference voltage used to set logic thresholds
GND
12
Ground
LID
N/A
Package lid is internally connected to GND (Pin 12)


Similar Part No. - ISL71840SEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEHEV1Z RENESAS-ISL71840SEHEV1Z Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
More results

Similar Description - ISL71840SEHEV1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL71840SEH RENESAS-ISL71840SEH Datasheet
1Mb / 28P
   Radiation Hardened 30V 16-Channel Analog Multiplexer
Oct 24, 2022
logo
Intersil Corporation
ISL71841SEH INTERSIL-ISL71841SEH Datasheet
991Kb / 29P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
June 3, 2016
logo
Renesas Technology Corp
ISL71841SEH RENESAS-ISL71841SEH Datasheet
1Mb / 30P
   Radiation Hardened 30V 32-Channel Analog Multiplexer
Feb 23, 2018
ISL73840SEH RENESAS-ISL73840SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73840SEH INTERSIL-ISL73840SEH Datasheet
1Mb / 23P
   Radiation Tolerant 30V 16-Channel Analog Multiplexer
logo
Renesas Technology Corp
ISL71831SEH RENESAS-ISL71831SEH Datasheet
2Mb / 22P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
Dec 8, 2022
logo
Intersil Corporation
ISL71831SEH INTERSIL-ISL71831SEH Datasheet
1Mb / 21P
   Radiation Hardened 5V 32-Channel Analog Multiplexer
November 18, 2016
HS-0506RH INTERSIL-HS-0506RH Datasheet
1Mb / 14P
   Radiation Hardened Single 16/Differential 8 Channel CMOS Analog Multiplexer
logo
Renesas Technology Corp
ISL73841SEH RENESAS-ISL73841SEH Datasheet
1Mb / 24P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
Feb 23, 2018
logo
Intersil Corporation
ISL73841SEH INTERSIL-ISL73841SEH Datasheet
844Kb / 23P
   Radiation Tolerant 30V 32-Channel Analog Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com