Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ISL78268EVAL1Z Datasheet(PDF) 7 Page - Intersil Corporation

Part # ISL78268EVAL1Z
Description  55V Synchronous Buck Controller with Integrated 3A Driver
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL78268EVAL1Z Datasheet(HTML) 7 Page - Intersil Corporation

Back Button ISL78268EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 9Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 10Page - Intersil Corporation ISL78268EVAL1Z Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
ISL78268
7
FN8657.3
December 12, 2014
Submit Document Feedback
Typical Application Schematics
FIGURE 3. SYNCHRONOUS BUCK WITH CONSTANT AVERAGE IOUT
HIC/LATCH : Connect to
either VCC for Latch-off
mode or GND for Hiccup
mode
ISL78268
VCC
BOOT
PH
FB
COMP
VIN
LG
CLKOUT
PGOOD
UG
PGND
SS
PVCC
SLOPE
FSYNC
EN
VIN
EN_IC
ISEN1P
ISEN1N
PLL_COMP
PVCC
ISEN2P
ISEN2N
HIC/LATCH
SGND
IMON/DE
VCC
POWER GOOD
PVCC
VOUT
VCC
RFSYNC
CPVCC
RPLLCMP
CPLLCMP1
CPLLCMP2
RSLOPE
RCMP
CCMP
CSS
CVCC
RIMON
CIMON
RSVCC
CIN
RSET1B
RSET1A
RBIAS1B
RBIAS1A
RSEN2
RSEN1
CISEN1
CBOOT
L
RSET2B
RSET2A
RBIAS2B
RBIAS2A
CISEN2
COUT
RFB1
RFB0
RPG
Q1
Q2
DBT
HIC/LATCH: Connect to
either VCC for Hiccup mode
or GND for Latch-off mode


Similar Part No. - ISL78268EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78268EVAL1Z RENESAS-ISL78268EVAL1Z Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
More results

Similar Description - ISL78268EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL78268 RENESAS-ISL78268 Datasheet
1Mb / 34P
   55V Synchronous Buck Controller with Integrated 3A Driver
logo
Unisonic Technologies
SR2803 UTC-SR2803 Datasheet
211Kb / 6P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
SR2803 UTC-SR2803_15 Datasheet
226Kb / 5P
   330KHZ, 3A SYNCHRONOUS BUCK CONTROLLER
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
International Rectifier
IR3843AMPBF IRF-IR3843AMPBF Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
IR3843AM IRF-IR3843AM_15 Datasheet
739Kb / 33P
   HIGHLY EFFICIENT INTEGRATED 3A SYNCHRONOUS BUCK REGULATOR
logo
Intersil Corporation
HIP5020 INTERSIL-HIP5020 Datasheet
128Kb / 15P
   Integrated-Power Buck Converter Controller with Synchronous Rectification
logo
Renesas Technology Corp
ISL78264 RENESAS-ISL78264 Datasheet
1Mb / 33P
   Automotive Dual Synchronous Buck Controller with Integrated Drivers
Oct 14, 2021
logo
Monolithic Power System...
MP24833 MPS-MP24833 Datasheet
649Kb / 16P
   3A, 55V White LED Driver
EV24833-A-N-00A MPS-EV24833-A-N-00A Datasheet
270Kb / 5P
   3A,55V White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com