Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC-414SRC Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # PC-414SRC
Description  Last Time Buy Notice - Board Products
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PC-414SRC Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  PC-414SRC Datasheet HTML 1Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 2Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 3Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 4Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 5Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 6Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 7Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 8Page - List of Unclassifed Manufacturers PC-414SRC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
PC-414
®®
DATEL, Inc., Mansfield, MA 02048 (USA)
• Tel: (508)339-3000, (800)233-2765 Fax: (508)339-6356 • Email: sales@datel.com • Internet: www.datel.com
The FIFO data output may also be routed under host software
control to an on-board parallel data port instead of being sent to
the computer bus. This parallel burst channel data may be read
by an external processor at very high speeds and avoids
possible speed restrictions of the computer bus. The outport
uses a very simple ready/acknowledge transfer handshake which
is adaptable to any remote parallel port including DT Connect®.
See model PC-414COM using a DSP COMM port interface.
The analog section of the PC-414 is optimized for high signal
quality and very low dynamic noise. The PC-414 is ideal as
an FFT “front-end” or DSP quantizer for array processors.
The A/D conversion timing section is designed for accurate multi-
scan data acquisition. Software programmable timers control the
interval between each conversion and each multichannel scan.
A programmable sample counter allows sample blocks of
specified length independent of FIFO length. The timer/counter
section uses a precision on-board crystal clock. Timeout and
sample count activities may be monitored using I/O status
registers and/or programmable interrupts. The interrupt method
may be fully synchronized with software programmable DMA
transfers directly to host computer memory.
S/H - A/D triggering can originate from several sources under
software control. The internal timebase is the normal trigger
source although single conversions or scans may be directly
commanded by host I/O register writes. An external trigger
clock may also be used to precisely synchronize sampling with
external events. This external trigger may start a single
multichannel scan or “N” multiple scans separated by
programmable delays.
Analog sampling can also be level-triggered using an on-board
analog comparator and an external level input. The reference
trigger level to the comparator is derived from an on-board 12-
bit D/A converter. If preferred, the D/A converter may also be
used as a general purpose analog output channel.
The PC-414B, D, F, G, H, K, M, N, and P versions contain five
SMA coaxial signal connectors. Four connectors are for the
sampled analog channels. The fifth connector is used for
external timebase clock input, external analog trigger signal,
or for the analog output. The PC-414E, J, and L versions
contain 25-pin “D” connectors (DB-25S). The burst channel
parallel port uses an internal dual row header.
The computer interface conforms to the PC-AT bus structure.
All data transfers (control, status, and A/D data) use 16-bit
transfers. Interrupt level selection is done via software.
Interrupt servicing is generated for a variety of reasons such
as A/D data read, DMA terminal count, sample count
reached, FIFO half-full, or FIFO full.
A/D output data coding is right-justified two’s complement with
sign extension, if desired, straight binary coding can also be
selected making it directly compatible with high level computer
languages such as “C”, Visual C++, Borland C Builder, Visual
Basic, and others.
Software
The PC-414 can be controlled via optional DOS or Windows
NT or 95/98 Control panels, third party software such as
LabVIEW, or user written code in languages such as Visual
C++, Borland C Builder, Visual Basic, etc.
PC-414SET
An MS-DOS based menu driven acquisition
program. Includes setup and configuration
functions, data acquisition via interrupt and DMA,
D/A and counter timer control. Software also
includes A/D and D/A calibration procedures.
• Automatically configures to the display
adapter, CPU, and mouse
• Sets the I/O base address
• Initializes the interrupt and DMA systems
and D/A output
• Allocates base or extended memory
• Performs self-test and A/D-D/A calibration
• Configures A/D sample rate, frame rate,
and sample counter
• Selects trigger mode and DMA or I/O block
transfer
• Selects disk file output format to integer
binary, float binary, or ASCII float
• Saves data to base memory, extended
memory, or disk
• Full source code in “C” and assembly is
available
• MS-DOS or WINDOWS version (visual
“C” interface)
PC-414SRC
Source code for PC-414SET, written in C.
PC-414WIN
A Windows 95/98 or NT GUI control panel
PC-414NT
incorporates all the functions of the PC-414.
Functions include configuration and setup,
analog input to file or disk, analog output, analog
and digital triggering, digital I/O, and calibration.
PC-414WINS
Source code for PC-414WIN written in
Borland C Builder.
PC-414LV
Bridge driver software to LabVIEW 4.0 and 3.1.
PC-414LVS
Source code for PC-414LV allows users to
reduce high level VI’s to lower level VI’s.
Figure 2. PC-414SET Software Operation
Analog
Inputs
PC-414SET
• Window-driven user interface
• Configure hardware
• Start acquisition
• Send data over parallel port
• Store data to memory and /or
disk file
• View data
• Access digital I/O port
• A/D and D/A calibration
• Update D/A
PC-414
Remote receiver
e.g. DSP board,
memory board, etc.
Host
Memory
User written
program
D/A
Converter
Graphics
Display
Disk
Display
Parallel
Port
Start &
Exit Mode
80


Similar Part No. - PC-414SRC

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PC-40-110 PULSE-PC-40-110 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
logo
Bel Fuse Inc.
PC-40-110 BEL-PC-40-110 Datasheet
1Mb / 3P
   Miniature Low Power Transformers
logo
Pulse A Technitrol Comp...
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
105Kb / 1P
   Low Frequency, Open-Style Laminated, Concentric Vertical Profile, PC Plug-In Series
PC-40-110B26 PULSE-PC-40-110B26 Datasheet
162Kb / 1P
   Low Frequency, Open-Style Laminated Concentric Vertical Profile, PC Plug-In Series
PC-40-20 PULSE-PC-40-20 Datasheet
275Kb / 2P
   Signals PC low power transformers are designed to operate between 50 Hz and 500 Hz without any degradation in output voltage.
More results

Similar Description - PC-414SRC

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
LTBWR30 MA-COM-LTBWR30 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR30 MA-COM-LTBWR30_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBDWR207 MA-COM-LTBDWR207 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR178 MA-COM-LTBWR178 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWOR182 MA-COM-LTBWOR182_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR177 MA-COM-LTBWR177_15 Datasheet
18Kb / 1P
   Last Time Buy Notice
LTBWR69 MA-COM-LTBWR69_15 Datasheet
18Kb / 1P
   Last Time Buy Notice.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com